Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF008GE3NR-NRQ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AP-CF008GE3NR-NRQ
Description  Compact Flash Series ??Industrial CF Specifications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF008GE3NR-NRQ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP-CF008GE3NR-NRQ Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF008GE3NR-NRQ Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF008GE3NR-NRQ Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF008GE3NR-NRQ Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF008GE3NR-NRQ Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF008GE3NR-NRQ Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF008GE3NR-NRQ Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF008GE3NR-NRQ Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF008GE3NR-NRQ Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Compact Flash Ⅲ
series
AP-CFxxxxE3NR-XXXXXXQ
© 2013 Apacer Technology Inc.
Rev. 1.1
9
6. Software Interface
6.1 Command Set
Table 6-1 summarizes the command set with the paragraphs that follow describing the individual
commands and the task file for each.
Table 6-1: Command set (1 of 2)
Command
Code
Check-Power-Mode
E5H or 98H
Execute-Drive-Diagnostic
90H
Erase Sector(s)
C0H
Flush-Cache
E7H
Format Track
50H
Identify-Drive
ECH
Idle
E3H or 97H
Idle-Immediate
E1H or 95H
Initialize-Drive-Parameters
91H
NOP
00H
Read-Buffer
E4H
Read-DMA
C8H or C9H
Read-Multiple
C4H
Read-Sector(s)
20H or 21H
Read-Verify-Sector(s)
40H or 41H
Recalibrate
1XH
Request-Sense
03H
Seek
7XH
Set-Features
EFH
SMART
B0H
Set-Multiple-Mode
C6H
Set-Sleep-Mode
E6H or 99H
Standby
E2H or 96H
Standby-lmmediate
E0H or 94H
Translate-Sector
87H
Write-Buffer
E8H
Write-DMA
CAH or CBH
Write-Multiple
C5H
Write-Multiple-Without-Erase
CDH


Similar Part No. - AP-CF008GE3NR-NRQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF008GE3FR-ETNDNRK ETC2-AP-CF008GE3FR-ETNDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF008GE3FR-ETNRK ETC2-AP-CF008GE3FR-ETNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-CF008GE3FR-NDNRJ ETC2-AP-CF008GE3FR-NDNRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF008GE3FR-NDNRK ETC2-AP-CF008GE3FR-NDNRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF008GE3FR-NDNRK ETC2-AP-CF008GE3FR-NDNRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
More results

Similar Description - AP-CF008GE3NR-NRQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRJ ETC2-AP-CF128ME3ER-NRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
   Apacer industrial CS710-CF card
CM710-CF APACER-CM710-CF Datasheet
2Mb / 5P
   Apacer industrial CM710-CF card
logo
List of Unclassifed Man...
AP-CF256MA5FS-RM ETC2-AP-CF256MA5FS-RM Datasheet
1Mb / 23P
   Compact Flash 4 Series
logo
Transcend Information. ...
TS8GCF100I-P TRANSCEND-TS8GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
logo
ADL Embedded Solutions
ADLCF-II ADL-ADLCF-II Datasheet
224Kb / 2P
   Compact Flash
logo
Microchip Technology
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
207Kb / 26P
   Flash Programming Specifications
2010
PIC24F08KA101 MICROCHIP-PIC24F08KA101 Datasheet
727Kb / 48P
   Flash Programming Specifications
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com