Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF004GL9FS-RM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP-CF004GL9FS-RM
Description  Specifications for Industrial CompactFlash Card
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF004GL9FS-RM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-CF004GL9FS-RM Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF004GL9FS-RM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Compact Flash 5 series
AP-CFxxxxL9XS-XXXXXX
1
© 2012 Apacer Technology Inc.
Rev. 1.2
Features:
CompactFlash Association Specification
Revision 4.1 Standard Interface
512 bytes per sector
ATA command set compatible
ATA transfer mode supports:
PIO Mode 6
Multiword DMA Mode 4
Ultra DMA Mode 5
PCMCIA UDMA Mode 5
Capacities
4, 8, 16, 32, 64 GB
Performance
Sustained read: Up to 50 MB/sec
Sustained write: Up to 18 MB/sec
Intelligent ATA/IDE module
Wear-leveling algorithms to substantially
increase longevity of flash media
Built-in BCH ECC capable of correcting
up to 24 bits in 1,024 byte data
Supports S.M.A.R.T commands
NAND Flash Type: MLC
(commercial/Industrial grade)
Power Smart Design
Temperature ranges
Standard: 0°C to 70°C
Extended: -40°C to 85°C
Storage: -40°C to 100°C
Operating voltage for read and write
3.3 V
5.0 V
Power consumption (typical)**
Active mode: 165 mA
Standby mode: 2 mA
Connector Type
50 pins female
Physical Dimensions
36.4mm x 42.8mm x 3.3mm
RoHS compliant
*Performance and power consumption may vary depending on capacities and the platforms.


Similar Part No. - AP-CF004GL9FS-RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF004GA5GS-ETNR ETC2-AP-CF004GA5GS-ETNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-ETRM ETC2-AP-CF004GA5GS-ETRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-NDNR ETC2-AP-CF004GA5GS-NDNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-NDRM ETC2-AP-CF004GA5GS-NDRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF004GA5GS-NR ETC2-AP-CF004GA5GS-NR Datasheet
1Mb / 23P
   Compact Flash 4 Series
More results

Similar Description - AP-CF004GL9FS-RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF128MR9NS-NRA ETC2-AP-CF128MR9NS-NRA Datasheet
201Kb / 20P
   CompactFlash Series 5 Specifications for Industrial CompactFlash Card
logo
Transcend Information. ...
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10_V01 Datasheet
510Kb / 1P
   Industrial CompactFlash
3-Jul-2013
SQF-P10 ADVANTECH-SQF-P10 Datasheet
314Kb / 1P
   Advantech Industrial CompactFlash
logo
ALPS ELECTRIC CO.,LTD.
SCFB ALPS-SCFB Datasheet
395Kb / 5P
   Connector for CompactFlash
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com