Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L081S105LF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # L081S105LF
Description  Resistor Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L081S105LF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  L081S105LF Datasheet HTML 1Page - List of Unclassifed Manufacturers L081S105LF Datasheet HTML 2Page - List of Unclassifed Manufacturers L081S105LF Datasheet HTML 3Page - List of Unclassifed Manufacturers L081S105LF Datasheet HTML 4Page - List of Unclassifed Manufacturers L081S105LF Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL L SERIES
L Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
03.12
Ordering Information
Applicable Documents
MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications
MIL-STD-105 — Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts
L 08 5 S 331 / 471 F LF XX
Model Series
Number of Leads:
4 thru 14
Circuit Type:
3 = Isolated
1 = Bussed
5 = Dual Terminator
G3T = Ammo Pack, Steel Leads only
3 leads only attached to tape.*
M1 or M2 = Tube **
(No code used for standard bulk packaging.)
LF: RoHS Compliant
Tolerance Code:
F = ±1%
J = ±5%
(No code used for 2% standard.)
R2 Resistance Code:
(Add for -5 circuit only)
Resistance Code:
First 2 digits are significant.
Last digit denotes number of trailing zeros.
For "F" tolerance first 3 digits are significant.
Fourth digit denotes number of trailing zeros.
* Refer to Packaging for Automation section (Page A-3) for Ammo Pack capacity and dimensions.
** Refer to Packaging for Automation section (Page A-4) for M1 and M2 tube capacity and dimensions.


Similar Part No. - L081S105LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
L081S104LF TTELEC-L081S104LF Datasheet
208Kb / 5P
   SIL Resistor Network
More results

Similar Description - L081S105LF

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
   RESISTOR NETWORKS
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
   Resistor Networks
NQS TTELEC-NQS Datasheet
149Kb / 5P
   Resistor Networks
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R8DTL ACCUTEK-AK06G-R8DTL_09 Datasheet
124Kb / 4P
   RESISTOR NETWORKS
AK6G-R2RL ACCUTEK-AK6G-R2RL_09 Datasheet
150Kb / 4P
   RESISTOR NETWORKS
logo
UNIOHM CORPORATION
RN8A102J UNIOHM-RN8A102J Datasheet
3Mb / 2P
   Resistor Networks
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R3S ACCUTEK-AK06G-R3S_09 Datasheet
100Kb / 3P
   RESISTOR NETWORKS
AK06G-R5L ACCUTEK-AK06G-R5L_09 Datasheet
114Kb / 4P
   RESISTOR NETWORKS
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com