Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KT11B1CM Datasheet(PDF) 3 Page - C&K Components

Part No. KT11B1CM
Description  Internal actuator seal and insert molded terminals— permit soldering and cleaning
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CK-COMPONENTS [C&K Components]
Homepage  http://www.ck-components.com
Logo 

KT11B1CM Datasheet(HTML) 3 Page - C&K Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PC MOUNTING
KT11P2SA1M
KT11B0SAM
PC MOUNTING
Switch face
With B1 Silicone
Rubber Actuator
With B2 Silicone
Rubber Actuator
MOM. = Momentary
MOM. = Momentary
With P3 Hard
Plastic Actuator
With P4 Hard
Plastic Actuator
SPST
SPST
Sealed Tactile Switches
KT Series
C
C-5
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
6.60 x 6.60mm Right Angle Models
SWITCH FUNCTION
POS. 1
POS. 2
PART NUMBER
ACTUATOR
HEIGHT
KT11B0SAM
FLUSH
OFF
MOM.
KT11B1SAM
.025 (0,64)
OFF
MOM.
KT11B2SAM
.088 (2,24)
OFF
MOM.
Conn. Terms
OPEN
2-4
Schematic
SPST
6.30 x 6.38mm Right Angle Models
SWITCH FUNCTION
POS. 1
POS. 2
PART NUMBER
ACTUATOR
HEIGHT
KT11P2SA1M
.093 (2,36)
OFF
MOM.
KT11P3SA1M
.059 (1,50)
OFF
MOM.
KT11P4SA1M
.156 (3,96)
OFF
MOM.
Conn. Terms
OPEN
1, 2–3,4
Schematic
SPST
Rev. A 8/99


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn