Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KT11B1CM Datasheet(PDF) 2 Page - C&K Components

Part No. KT11B1CM
Description  Internal actuator seal and insert molded terminals— permit soldering and cleaning
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CK-COMPONENTS [C&K Components]
Homepage  http://www.ck-components.com
Logo 

KT11B1CM Datasheet(HTML) 2 Page - C&K Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KT11B0JM
With B1 Silicone
Rubber Actuator
With B2 Silicone
Rubber Actuator
With P2 Hard
Plastic Actuator
With P3 Hard
Plastic Actuator
With P4 Hard
Plastic Actuator
MOM. = Momentary
PC MOUNTING
KT11B0SM
With B2 Silicone
Rubber Actuator
With P2 Hard
Plastic Actuator
With P3 Hard
Plastic Actuator
With P4 Hard
Plastic Actuator
MOM. = Momentary
With B1 Silicone
Rubber Actuator
PC MOUNTING
SPST
SPST
Sealed Tactile Switches
KT Series
C
C-4
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
6.22 x 6.38mm Surface Mount Models
SWITCH FUNCTION
POS. 1
POS. 2
PART NUMBER
ACTUATOR
HEIGHT
KT11B0JM
FLUSH
OFF
MOM.
KT11B1JM
.025 (0,64)
OFF
MOM.
KT11B2JM
.088 (2,24)
OFF
MOM.
KT11P2JM
.093 (2,36)
OFF
MOM.
KT11P3JM
.044 (1,12)
OFF
MOM.
KT11P4JM
.156 (3,96)
OFF
MOM.
Conn. Terms
OPEN
1, 2–3, 4
Schematic
SPST
6.22 x 6.38mm Surface Mount Models
SWITCH FUNCTION
POS. 1
POS. 2
PART NUMBER
ACTUATOR
HEIGHT
KT11B0SM
FLUSH
OFF
MOM.
KT11B1SM
.025 (0,64)
OFF
MOM.
KT11B2SM
.088 (2,24)
OFF
MOM.
KT11P2SM
.093 (2,36)
OFF
MOM.
KT11P3SM
.044 (1,12)
OFF
MOM.
KT11P4SM
.156 (3,96)
OFF
MOM.
Conn. Terms
OPEN
1, 2–3,4
Schematic
SPST
Rev. A 8/99


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn