Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXBOD1-25R Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXBOD1-25R
Description  Transient voltage protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD1-25R Datasheet(HTML) 3 Page - IXYS Corporation

  IXBOD1-25R Datasheet HTML 1Page - IXYS Corporation IXBOD1-25R Datasheet HTML 2Page - IXYS Corporation IXBOD1-25R Datasheet HTML 3Page - IXYS Corporation IXBOD1-25R Datasheet HTML 4Page - IXYS Corporation IXBOD1-25R Datasheet HTML 5Page - IXYS Corporation IXBOD1-25R Datasheet HTML 6Page - IXYS Corporation IXBOD1-25R Datasheet HTML 7Page - IXYS Corporation IXBOD1-25R Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
H - 3
© 2000 IXYS All rights reserved
IXBOD 1 -06...10
Fig. 4 Transient thermal resistance.
Fig. 3 On-state voltage
V
a = 0 m/s
V
a = 2 m/s
Fig. 2 Energy per pulse for exponentially decaying
current pulse (see waveforms definition).
Fig. 1 Energy per pulse for trapezoidal current wafeforms
(see waveform definition).
t [s]
T
VJ = 125°C
T
VJ = 25°C
i
T [A]
[V]
V
T
[K/W]
Z
thJA


Similar Part No. - IXBOD1-25R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com