Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9220IRTZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9220IRTZ-T
Description  Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9220IRTZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9220IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL9220IRTZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ISL9220, ISL9220A
8
FN6936.3
February 16, 2012
Typical Operating Conditions
FIGURE 1. PWM WAVEFORM IN CC MODE
FIGURE 2. PWM WAVEFORM IN TRICKLE MODE
FIGURE 3. EFFICIENCY vs LOAD 1-CELL (VIN = 5V, L = 10µH)
FIGURE 4. EFFICIENCY vs LOAD 2-CELL (VIN = 12V, L = 10µH
CH4 = INDUCTOR CURRENT (500mA/DIV)
CH1 = SW(5V/DIV)
CH4 = INDUCTOR CURRENT (500mA/DIV)
CH1 = SW(5V/DIV)
95
90
85
80
75
70
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
2.2
CHARGE CURRENT (A)
VBAT = 3.6V
VBAT = 4V
VBAT = 4V
VBAT = 3V
95
90
85
80
75
70
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
CHARGE CURRENT (A)
VBAT = 8.2V
VBAT = 7V
VBAT = 6V


Similar Part No. - ISL9220IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Renesas Technology Corp
ISL9220IRTZ-T RENESAS-ISL9220IRTZ-T Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220IRTZ-T7A INTERSIL-ISL9220IRTZ-T7A Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Renesas Technology Corp
ISL9220IRTZ-T7A RENESAS-ISL9220IRTZ-T7A Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results

Similar Description - ISL9220IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Vishay Siliconix
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
logo
Texas Instruments
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com