Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MANO111 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. MANO111
Description  4 SATA-600 support RAID 0,1,5,10
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MANO111 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  MANO111_14 Datasheet HTML 1Page - Axiomtek Co., Ltd. MANO111_14 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
165
Ethernet 2+USB 2.0 5/6
Ethernet 1+COM 1
DisplayPort 2+USB 3.0 3/4
DisplayPort 1+USB 3.0 1/2
DVI-D 1/2
LVDS
DDR3
ATX power
COM 2 ~4
PCI Express Mini Card
COM 5
PCI
SIM card slot
USB 2.0 7~10
SATA-600 1 ~ 4
MANO111
AMD Embedded R-Series APU Mini ITX
SBC with AMD A75 FCH, DDR3, USB 3.0,
LVDS/DisplayPort/DVI-D and Dual LANs
FS1r2 Socket AMD Embedded R-Series APU
AMD A75 FCH
Integrated graphics AMD Radeon HD 7 series
DDR3 Dual channel SO-DIMM 1333/1600
max. up to 16 GB
4 SATA-600 support RAID 0,1,5,10
4 USB 3.0 supported
4 independent displays
DisplayPort 2 supports multi-stream
TPM 1.2 supported
DASH Remote Management Supported
I/O
Ordering Information
Packing List
System
MIO
1 x RS-232/422/485 (COM 1); with +5V/+12V.
4 x RS-232 (COM 2~5); with+5V/+12V.
SATA
4 SATA-600 with RAID 0, 1, 5 and 10
Hardware Monitoring
Detect CPU/system temperature, voltage
and support Smart fan control
Ethernet
1st port as 10/100/1000Mbps supports wake-on-LAN
PXE with Realtek RTL8111E
2nd port as 10/100/1000Mbps supports wake-on-LAN,
PXE and DUSH with Realtek RTL8111DP
Audio
Supports 2.1channel audio lineout via HD Codec ALC662
USB
4 x USB 3.0
7 x USB 2.0 (USB 11 on the PCI Express Mini Card)
TPM
1.2
SMBus
N/A
Digital IO
8 channels (4-IN & 4-OUT)
Standard
MANO111
Mini ITX SBC with AMD R-Series APU, DDR3, USB 3.0,
LVDS/DisplayPort/DVI-D, 5 COM, 4 USB 3.0 and
2 10/100/1000Mbps
User's manual/utility CD, cable
CPU
FS1r2 socket AMD Embedded R-Series APU
System Memory
2 x 204-pin SO-DIMM DDR3-1333/1600 max. up to 16 GB
Chipset
AMD A75 FCH
BIOS
AMI UEFI BIOS with OA 3.0 built
SSD
CFast™
Watchdog Timer
255 level, 1 ~ 255 sec
Expansion Interface
PCI, PCIe Mini Card, SIM card
Battery
Lithium 3V/220 mAH
Power Requirements
AMD R-Series R-464L 2.3 GHz, 8 GB DDR3 1600 x 2
+12V @ 3.4A
Size
170 x 170 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Features
Rear view
Side view
DDR3
DDR3
DDR3
USB 3.0
USB
USB
PCIe Mini
PCIe Mini
PCIe Mini
Display
Chipset
Integrated Gfx (AMD Radeon HD7000 series)
Memory Size
Shared memory
LCD Interface
18/24 bit Dual channel LVDS
Display Interface
1 x LVDS
2 x DisplayPort
2 x DVI-D
AiRD
Full Solid
Cap Design


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn