Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPA10033RJ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FPA10033RJ
Description  100 Watts dissipation in a small footprint
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FPA10033RJ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FPA10033RJ Datasheet HTML 1Page - List of Unclassifed Manufacturers FPA10033RJ Datasheet HTML 2Page - List of Unclassifed Manufacturers FPA10033RJ Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Arcol:
FPA100 33R J FPA100 2K2 J FPA100 8R0 J FPA100 10K J FPA100 3K3 J FPA100 150R J FPA100 100R J
FPA100 680R J FPA100 6R8 J FPA100 10R J FPA100 47R J FPA100 50R J FPA100 22R J FPA100 16R J
FPA100 68R J FPA100 15R J FPA100 1K5 J FPA100 4K7 J FPA100 4R7 J FPA100 4R0 J FPA100 6K8 J FPA100
1K J FPA100 2R0 J FPA100 220R J FPA100 2R2 J FPA100 470R J FPA100 22K J FPA100 300R J FPA100 3R3 J
FPA100 330R J FPA100 2R5 J


Similar Part No. - FPA10033RJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPA1002R2J ETC2-FPA1002R2J Datasheet
362Kb / 2P
   Thick Film Power Resistors
More results

Similar Description - FPA10033RJ

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
XC95288XL XILINX-XC95288XL Datasheet
84Kb / 11P
   Available in small footprint packages
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
   Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
TT Electronics.
HVP TTELEC-HVP Datasheet
278Kb / 2P
   Small footprint
logo
New Jersey Semi-Conduct...
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
OSRAM GmbH
V107C041A-850 OSRAM-V107C041A-850 Datasheet
997Kb / 16P
   VCSEL pulsed laser in small footprint ceramic
logo
ams AG
PLPVQ940A AMSCO-PLPVQ940A Datasheet
977Kb / 17P
   VCSEL pulsed laser in small footprint QFN
Version 1.2 2019-04-04
V107C021A-850 AMSCO-V107C021A-850 Datasheet
970Kb / 16P
   VCSEL pulsed laser in small footprint ceramic
Version 1.0 2020-02-25
logo
OSRAM GmbH
V107C021A-850 OSRAM-V107C021A-850 Datasheet
970Kb / 16P
   VCSEL pulsed laser in small footprint ceramic
V102C021A-940 OSRAM-V102C021A-940 Datasheet
983Kb / 16P
   VCSEL pulsed laser in small footprint ceramic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com