Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC-2030 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EPC-2030
Description  Programmable Embedded Controller with Intel짰 Atom??D525 Platform
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EPC-2030 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EPC-2030 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPC-2030 Datasheet HTML 2Page - List of Unclassifed Manufacturers EPC-2030 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
64
All specifications are subject to change without notice.
Qualification
Certification
CE, FCC Class A
Power Requirement
Power Input
DC 10 ~ 30V input (w/ 3-pin terminal block)
Power Consumption 60W (Max.)
Storage
Type
1 x 2.5” drive bay for SATA interface HDD/SSD,
supporting 300MB/s HDD transfer rate
1 x CFast socket
Mechanical
Construction
Aluminum alloy
Mounting
Wall-mount/Din rail mounting
Weight
Max. 2.92 kg (6.42 lb)
Dimensions
(W x D x H)
EPC-2020: 164 x 192 x 120 mm (6.46” x 7.56” x 4.72”)
EPC-2030/ EPC-2032: 164 x 192 x 140 mm (6.46” x
7.56” x 5.51”)
OS Support
Windows XP Embedded / Windows XP Professional / Windows Embedded 7
Professional / Windows Embedded 7 Standard
Ordering Information
EPC-2020
EPC-2000 with 1 x PCIe x1 slot & 1 x PCI slot
EPC-2030
EPC-2000 with 2 x PCIe x1 slots & 1 x PCI slot
EPC-2032
EPC-2000 with 1 x PCIe x1 slot & 2 x PCI slots
EPC-2020/2030/2032
Fanless,Cable-less and Modularized Design
Wide Range DC Power Input (10 ~ 30V)
Rich Onboard I/O and Expansion Slots
(Max. 2 x PCIe x1 Slots, Max. 2 x PCI Slots)
RS-485 Auto-flow Control Supported
Easy Installation/Maintenance
Intel® SSD Compatible
System
CPU
Soldered onboard Intel® Atom™ D525 1.8GHz processor
Memory
Soldered onboard 2GB DDR3 SDRAM
Chipset
Intel® ICH8M
Graphics
Integrated with Intel® GMA 3150
LAN Chipset
2 x Intel® 82574L GbE controllers
Watchdog Timer 1~255 levels reset
I/O
Serial Port
4 x DB-9 male connectors (COM1~2: RS-232, COM3~4:
RS-232/422/485 selectable)
USB Port
4 x USB type A connectors for USB 2.0 ports
LAN
2 x RJ-45 GbE ports
Video Port
1 x DB-15 female connector for Analog RGB
1 x DB-26 male connector for dual channels 24-bit
LVDS port
Audio
Mic-in/Line-out with Realtek ALC886 HD Audio CODEC
KB/MS
PS/2 interface Keyboard/ Mouse via Y-cable
Expansion Bus
1 x PCIe x1 slot, 1 x PCI slot for EPC-2020
2 x PCIe x1 slots, 1 x PCI slot for EPC-2030
1 x PCIe x1 slot, 2 x PCI slots for EPC-2032
Environmental
Operating Temp. -20 ~ 60°C (-4 ~ 140ºF), ambient with air flow
Storage Temp.
-40 ~ 85°C (-40 ~ 185°F)
Operating
Humidity
10 ~ 95% @ 60°C (non-condensing)
Vibration
5~500Hz, 3Grms Random (w/ SSD)
Shock
Operating 40G, 11ms
Non-operating 60G (with CFast/ SSD)
EPC-2030/ EPC-2032
» Fanless,Cable-less Design
EPC-2020
Programmable Embedded Controller with Intel® Atom™ D525 Platform
Features


Similar Part No. - EPC-2030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC-2000 ETC2-EPC-2000 Datasheet
2Mb / 2P
   Fanless, Cable-less and Modularized Design
More results

Similar Description - EPC-2030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3110 ETC2-LEC-3110 Datasheet
556Kb / 4P
   1U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
LEC-3210 ETC2-LEC-3210 Datasheet
314Kb / 2P
   2U Fanless Rackmount Communication Platform with Intel짰 Atom??D525
logo
AAEON Technology
AEC-6612B AAEON-AEC-6612B Datasheet
271Kb / 2P
   Intel짰 Atom??D525 Processor
AEC-6643 AAEON-AEC-6643 Datasheet
286Kb / 2P
   Embedded Controller with Intel짰 Atom??D2550 B3 Processor
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
   Intel짰 Atom??N455/D525 Processor
logo
Advantech Co., Ltd.
SYS-6W6806-4H01 ADVANTECH-SYS-6W6806-4H01_14 Datasheet
1Mb / 2P
   Intel짰 Atom??D525 System with 6 ISA Expansions
ARK-1503 ADVANTECH-ARK-1503 Datasheet
535Kb / 2P
   Intel짰 Atom??D525/D425 Fanless Embedded Box PC Integrated Display Interface
logo
Protech Systems Co., Lt...
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
   Intel짰 Atom??D525 Book Size PC
logo
AAEON Technology
EMB-LN9T AAEON-EMB-LN9T Datasheet
287Kb / 2P
   Embedded Motherboard with Intel Atom N455/D525 Processor
logo
Advantech Co., Ltd.
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com