Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA24-16 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA24-16
Description  Client Side Antennas
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA24-16 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA24-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA24-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA24-16 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA24-16 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA24-16 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA24-16 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA24-16 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA24-16 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA24-16 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
900—928MHz
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front
Front
Front
Front
to Back
to Back
to Back
to Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions
Dimensions
Dimensions
Dimensions
(in.)
(in.)
(in.)
(in.)
R2T9
R2T9
R2T9
R2T9----12
12
12
12
RooTenna®
12
45
>21dB
Hor / Ver
9
16.5 x 15 x 1
LP800
LP800
LP800
LP800----2500
2500
2500
2500----9
99
9----NF
NF
NF
NF
Dual Band Yagi
9
55/90/75
>23dB
Hor/Ver
1.5
15.5 x 10.5 x 2.75
YA9
YA9
YA9
YA9----9
99
9
Yagi
9
53
>14dB
Hor / Ver
1.9Lbs
20
YA9W
YA9W
YA9W
YA9W----11
11
11
11
Wide Band Yagi
11
50
>15dB
Hor / Ver
2.4Lbs
35
YA9W
YA9W
YA9W
YA9W----13
13
13
13
Wide Band Yagi
13
30
>18dB
Hor / Ver
3.3Lbs
57
HDGD9
HDGD9
HDGD9
HDGD9----15
15
15
15
HD Series Grid
15
19
>19dB
Hor / Ver
11
34 x 28
GD9
GD9
GD9
GD9----15
15
15
15
Grid
15
19
>19dB
Hor / Ver
11
34 x 28
HDGD9
HDGD9
HDGD9
HDGD9----DC15
DC15
DC15
DC15
HD Series Die
Cast Grid
15
19
>19dB
Hor / Ver
8.2
42 x 24
GD9
GD9
GD9
GD9----DC15
DC15
DC15
DC15
Die Cast Grid
15
19
>19dB
Hor / Ver
8.2
42 x 24
2400—2485MHz
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front to
Front to
Front to
Front to
Back
Back
Back
Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions
Dimensions
Dimensions
Dimensions
(in.)
(in.)
(in.)
(in.)
R 2 T 2 4
R 2 T 2 4
R 2 T 2 4
R 2 T 2 4 ---- 1 5
1 5
1 5
1 5
RooTenna®
15
35
>18dB
Hor / Ver
1.8
9 x 9 x 2
R T 2 4
R T 2 4
R T 2 4
R T 2 4 ---- 1 8
1 8
1 8
1 8
RooTenna®
19
20
>30dB
Hor / Ver
9
16.5x15x1
R 2 T 2 4 5 8
R 2 T 2 4 5 8
R 2 T 2 4 5 8
R 2 T 2 4 5 8
Dual Band
RooTenna®
12
15
43
22
>25dB
Hor/Ver
1.8
9 x 9 x 2
DCE
DCE
DCE
DCE----ANT2412
ANT2412
ANT2412
ANT2412----7x6x2
7x6x2
7x6x2
7x6x2
Die Cast Enclosure
Antenna
12
35
>18dB
Ver
2.5
10 x 7.1 x 2.25
DCE
DCE
DCE
DCE----ANT2458
ANT2458
ANT2458
ANT2458----7x6x2
7x6x2
7x6x2
7x6x2
Dual Band Die Cast
Enclosure Antenna
12
15
43
22
>30dB
Ver
2.5
10 x 7.1 x 2.25
LP800
LP800
LP800
LP800----2500
2500
2500
2500----9
99
9----NF
NF
NF
NF
Dual Band Yagi
9
55/90/
75
>23dB
Hor/Ver
1.5
15.5 x 10.5 x
2.75
VA24
VA24
VA24
VA24----16
16
16
16
Vagi
16
25
>19dB
Hor / Ver
1.5
22 x 3
M D 2 4
M D 2 4
M D 2 4
M D 2 4 ---- 1 2
1 2
1 2
1 2
Mini-Directional
12
34
>25dB
Hor / Ver
1
4 x 4 x 4
Pacific Wireless offers client antennas for
900MHz, 2.4, 3.5 and 5GHz applications. Anten-
nas are compatible with 802.11a/b/g, WiMax, ETSI
and various other international standards.
Client Side Antennas
2
2
2
2


Similar Part No. - PA24-16

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PA24-16 LSTD-PA24-16 Datasheet
1Mb / 2P
   Rugged and weatherproof
More results

Similar Description - PA24-16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
[Old version datasheet]   Client Side Telephony DSP
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
[Old version datasheet]   Client Side Telephony DSP
logo
List of Unclassifed Man...
701192 ETC2-701192 Datasheet
130Kb / 1P
   TMS320C54CST Client Side Developers Kit
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
   CLIENT SSD
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
   Thin Client Terminals
logo
Toshiba Semiconductor
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
   CLIENT MOBILE HDD
Rev. 01
logo
Level One
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
   DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
   DHCP Client/Server
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com