Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT24-18 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT24-18
Description  Client Side Antennas
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RT24-18 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT24-18 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT24-18 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT24-18 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT24-18 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT24-18 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT24-18 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT24-18 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT24-18 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT24-18 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Die Cast Enclosure Antenna
Die Cast Enclosure Antenna
Die Cast Enclosure Antenna
Die Cast Enclosure Antenna
Part No. DCE2412-ANT / DCE2458-
ANT / DCE5819-ANT
Part #
Part #
Part #
Part #
Type
Type
Type
Type
Gain
Gain
Gain
Gain
(dBi)
(dBi)
(dBi)
(dBi)
BW
BW
BW
BW
(deg)
(deg)
(deg)
(deg)
Front to
Front to
Front to
Front to
Back
Back
Back
Back
Polarity
Polarity
Polarity
Polarity
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
Dimensions
Dimensions
Dimensions
Dimensions
(in.)
(in.)
(in.)
(in.)
CP24
CP24
CP24
CP24----12
12
12
12
Circular
12
37
>20dB
Circular
1.1
8.5 x 8
ES24
ES24
ES24
ES24----14
14
14
14
Echo Series
14
26
>30dB
Hor / Ver
3
10.24 dia
P A 2 4
P A 2 4
P A 2 4
P A 2 4 ---- 1 3
1 3
1 3
1 3
Flat Panel
13
35
>20dB
Hor / Ver
1.5
7.5 x 7.5 x .8
P A 2 4
P A 2 4
P A 2 4
P A 2 4 ---- 1 6
1 6
1 6
1 6
Flat Panel
16
26
>27dB
Hor / Ver
2
11 x 11 x .8
P A 2 4
P A 2 4
P A 2 4
P A 2 4 ---- 1 9
1 9
1 9
1 9
Flat Panel
19
17.5
>30dB
Hor / Ver
3.75
16 x 14 x .8
HDGD24
HDGD24
HDGD24
HDGD24----24
24
24
24
HD Series Grid
24
8
>24dB
Hor/Ver
11
34 x 28
HDDC24
HDDC24
HDDC24
HDDC24----24
24
24
24
HD Series Die Cast Grid
24
8
>24dB
Hor/Ver
8.2
42 x 24
GD24
GD24
GD24
GD24----15
15
15
15
Grid
15
19
>19dB
Hor / Ver
4
14 x 12
GD24
GD24
GD24
GD24----19
19
19
19
Grid
19
17
>22dB
Hor / Ver
6
24 x 17
GD24
GD24
GD24
GD24----24
24
24
24
Grid
24
8
>24dB
Hor / Ver
11
34 x 28
DC24
DC24
DC24
DC24
Die Cast Grid
24
8
>24dB
Hor / Ver
8.2
42 x 24
GD22
GD22
GD22
GD22----MT
MT
MT
MT
2.4GHz MotorolaTM
Gain Booster
14
21 (v)
17(h)
>17dB
Hor / Ver
4
14 x 12
GD26
GD26
GD26
GD26----MT
MT
MT
MT
2.4GHz MotorolaTM
Gain Booster
18
17(v)
11(h)
>22dB
Hor / Ver
6
24 x 17
GD29
GD29
GD29
GD29----MT
MT
MT
MT
2.4GHz MotorolaTM
Gain Booster
22
8, 5
>25dB
Hor / Ver
11
34 x 28
Vagi
Vagi
Vagi
VagiTM
TM
TM
TM
Part No. VA24-16
Circular Polarized Antenna
Circular Polarized Antenna
Circular Polarized Antenna
Circular Polarized Antenna
Part No. CP24-12
Flat Panel Antenna
Flat Panel Antenna
Flat Panel Antenna
Flat Panel Antenna
Part No. PA24 / PA35
Log Periodic Antenna
Log Periodic Antenna
Log Periodic Antenna
Log Periodic Antenna
Part No. LP800-2500-9-NF
RooTenna ®
RooTenna ®
RooTenna ®
RooTenna ®
Part No. R2T9 / R2T24 / R2T58
Wide Band Yagi
Wide Band Yagi
Wide Band Yagi
Wide Band Yagi
Part No. YA9W-11, YA9W-13
Echo Series
Echo Series
Echo Series
Echo SeriesTM
TM
TM
TM
Part No. ES24-14
Mini Directional Antenna
Mini Directional Antenna
Mini Directional Antenna
Mini Directional Antenna
Part No. MD24-12
Client Side Antennas
3
3
3
3


Similar Part No. - RT24-18

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2400B6 CTS-RT2400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B6TR13 CTS-RT2400B6TR13 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B6TR7 CTS-RT2400B6TR7 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B7 CTS-RT2400B7 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B7TR13 CTS-RT2400B7TR13 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results

Similar Description - RT24-18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
[Old version datasheet]   Client Side Telephony DSP
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
[Old version datasheet]   Client Side Telephony DSP
logo
List of Unclassifed Man...
701192 ETC2-701192 Datasheet
130Kb / 1P
   TMS320C54CST Client Side Developers Kit
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
   CLIENT SSD
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
   Thin Client Terminals
logo
Toshiba Semiconductor
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
   CLIENT MOBILE HDD
Rev. 01
logo
Level One
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
   DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
   DHCP Client/Server
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com