Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM7256AETC100-10N Datasheet(PDF) 57 Page - Altera Corporation

Part # EPM7256AETC100-10N
Description  Programmable Logic Device Family
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7256AETC100-10N Datasheet(HTML) 57 Page - Altera Corporation

Back Button EPM7256AETC100-10N Datasheet HTML 53Page - Altera Corporation EPM7256AETC100-10N Datasheet HTML 54Page - Altera Corporation EPM7256AETC100-10N Datasheet HTML 55Page - Altera Corporation EPM7256AETC100-10N Datasheet HTML 56Page - Altera Corporation EPM7256AETC100-10N Datasheet HTML 57Page - Altera Corporation EPM7256AETC100-10N Datasheet HTML 58Page - Altera Corporation EPM7256AETC100-10N Datasheet HTML 59Page - Altera Corporation EPM7256AETC100-10N Datasheet HTML 60Page - Altera Corporation EPM7256AETC100-10N Datasheet HTML 61Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
Altera Corporation
57
MAX 7000A Programmable Logic Device Data Sheet
Figure 13. ICC vs. Frequency for MAX 7000A Devices (Part 2 of 2)
Device
Pin-Outs
See the Altera web site (http://www.altera.com) or the Altera Digital
Library
for pin-out information.
Figures 14 through 23 show the package pin-out diagrams for
MAX 7000A devices.
Figure 14. 44-Pin PLCC/TQFP Package Pin-Out Diagram
Package outlines not drawn to scale.
EPM7256A & EPM7256AE
VCC = 3.3 V
Room Temperature
Frequency (MHz)
Low Power
172.4 MHz
102.0 MHz
50
100
150
200
250
300
High Speed
0
50
100
150
200
Typical I
Active (mA)
CC
EPM7512AE
VCC = 3.3 V
Room Temperature
Frequency (MHz)
Low Power
116.3 MHz
76.3 MHz
100
200
300
400
500
600
0
20
40
80
100
Typical I
Active (mA)
CC
High Speed
60
120
140
44-Pin PLCC
I/O
I/O/TDO
I/O
I/O
VCC
I/O
I/O
I/O/TCK
I/O
GND
I/O
6
5 4
3
2
1 44 43 42 41 40
18 19 20 21 22 23 24 25 26 27 28
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
EPM7032AE
EPM7064AE
I/O/TDI
I/O
I/O
GND
I/O
I/O
I/O/TMS
I/O
VCC
I/O
I/O
44-Pin TQFP
Pin 12
Pin 23
Pin 34
Pin 1
I/O
I/O/TDO
I/O
I/O
VCC
I/O
I/O
I/O/TCK
I/O
GND
I/O
I/O/TDI
I/O
I/O
GND
I/O
I/O
I/O/TMS
I/O
VCC
I/O
I/O
EPM7032AE
EPM7064AE


Similar Part No. - EPM7256AETC100-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7256AETC100-10 ALTERA-EPM7256AETC100-10 Datasheet
1,007Kb / 64P
   High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
More results

Similar Description - EPM7256AETC100-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com