Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF8636A Datasheet(PDF) 8 Page - Altera Corporation

Part # EPF8636A
Description  Programmable Logic Device Family
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8636A Datasheet(HTML) 8 Page - Altera Corporation

Back Button EPF8636A Datasheet HTML 4Page - Altera Corporation EPF8636A Datasheet HTML 5Page - Altera Corporation EPF8636A Datasheet HTML 6Page - Altera Corporation EPF8636A Datasheet HTML 7Page - Altera Corporation EPF8636A Datasheet HTML 8Page - Altera Corporation EPF8636A Datasheet HTML 9Page - Altera Corporation EPF8636A Datasheet HTML 10Page - Altera Corporation EPF8636A Datasheet HTML 11Page - Altera Corporation EPF8636A Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
The FLEX 8000 architecture provides two dedicated high-speed data
paths—carry chains and cascade chains—that connect adjacent LEs
without using local interconnect paths. The carry chain supports high-
speed counters and adders; the cascade chain implements wide-input
functions with minimum delay. Carry and cascade chains connect all LEs
in an LAB and all LABs in the same row. Heavy use of carry and cascade
chains can reduce routing flexibility. Therefore, the use of carry and
cascade chains should be limited to speed-critical portions of a design.
Carry Chain
The carry chain provides a very fast (less than 1 ns) carry-forward
function between LEs. The carry-in signal from a lower-order bit moves
forward into the higher-order bit via the carry chain, and feeds into both
the LUT and the next portion of the carry chain. This feature allows the
FLEX 8000 architecture to implement high-speed counters and adders of
arbitrary width. The MAX+PLUS II Compiler can create carry chains
automatically during design processing; designers can also insert carry
chain logic manually during design entry.
Figure 4 shows how an n-bit full adder can be implemented in n + 1 LEs
with the carry chain. One portion of the LUT generates the sum of two bits
using the input signals and the carry-in signal; the sum is routed to the
output of the LE. The register is typically bypassed for simple adders, but
can be used for an accumulator function. Another portion of the LUT and
the carry chain logic generate the carry-out signal, which is routed directly
to the carry-in signal of the next-higher-order bit. The final carry-out
signal is routed to another LE, where it can be used as a general-purpose
signal. In addition to mathematical functions, carry chain logic supports
very fast counters and comparators.


Similar Part No. - EPF8636A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF8636A ALTERA-EPF8636A Datasheet
979Kb / 61P
   PROGRAMMABLE LOGIC DEVICES FAMILY
EPF8636A ALTERA-EPF8636A Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPF8636A ALTERA-EPF8636A Datasheet
962Kb / 62P
   Programmable Logic Device Family
EPF8636A ALTERA-EPF8636A Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPF8636A ALTERA-EPF8636A Datasheet
967Kb / 62P
   Programmable Logic Device Family
More results

Similar Description - EPF8636A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com