Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF8282AV Datasheet(PDF) 2 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 2 Page - Altera Corporation

  EPF8282AV Datasheet HTML 1Page - Altera Corporation EPF8282AV Datasheet HTML 2Page - Altera Corporation EPF8282AV Datasheet HTML 3Page - Altera Corporation EPF8282AV Datasheet HTML 4Page - Altera Corporation EPF8282AV Datasheet HTML 5Page - Altera Corporation EPF8282AV Datasheet HTML 6Page - Altera Corporation EPF8282AV Datasheet HTML 7Page - Altera Corporation EPF8282AV Datasheet HTML 8Page - Altera Corporation EPF8282AV Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
...and More
Features
Peripheral register for fast setup and clock-to-output delay
Fabricated on an advanced SRAM process
Available in a variety of packages with 84 to 304 pins (see Table 2)
Software design support and automatic place-and-route provided by
the Altera® MAX+PLUS® II development system for Windows-based
PCs, as well as Sun SPARCstation, HP 9000 Series 700/800, and IBM
RISC System/6000 workstations
Additional design entry and simulation support provided by EDIF
2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
Verilog HDL, VHDL, and other interfaces to popular EDA tools from
manufacturers such as Cadence, Exemplar Logic, Mentor Graphics,
OrCAD, Synopsys, Synplicity, and Veribest
Note:
(1)
FLEX 8000 device package types include plastic J-lead chip carrier (PLCC), thin quad flat pack (TQFP), plastic quad
flat pack (PQFP), power quad flat pack (RQFP), ball-grid array (BGA), and pin-grid array (PGA) packages.
General
Description
Altera’s Flexible Logic Element MatriX (FLEX®) family combines the
benefits of both erasable programmable logic devices (EPLDs) and field-
programmable gate arrays (FPGAs). The FLEX 8000 device family is ideal
for a variety of applications because it combines the fine-grained
architecture and high register count characteristics of FPGAs with the
high speed and predictable interconnect delays of EPLDs. Logic is
implemented in LEs that include compact 4-input look-up tables (LUTs)
and programmable registers. High performance is provided by a fast,
continuous network of routing resources.
JTAG BST circuitry
Yes
No
Yes
Yes
No
Yes
Table 2. FLEX 8000 Package Options & I/O Pin Count
Note (1)
Device
84-
Pin
PLCC
100-
Pin
TQFP
144-
Pin
TQFP
160-
Pin
PQFP
160-
Pin
PGA
192-
Pin
PGA
208-
Pin
PQFP
225-
Pin
BGA
232-
Pin
PGA
240-
Pin
PQFP
280-
Pin
PGA
304-
Pin
RQFP
EPF8282A
68
78
EPF8282AV
78
EPF8452A
68
68
120
120
EPF8636A
68
118
136
136
EPF8820A
112
120
152
152
152
EPF81188A
148
184
184
EPF81500A
181
208
208


Similar Part No. - EPF8282AV

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF8282AV ALTERA-EPF8282AV Datasheet
979Kb / 61P
   PROGRAMMABLE LOGIC DEVICES FAMILY
EPF8282AV ALTERA-EPF8282AV Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPF8282AV ALTERA-EPF8282AV Datasheet
962Kb / 62P
   Programmable Logic Device Family
EPF8282AV ALTERA-EPF8282AV Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPF8282AV ALTERA-EPF8282AV Datasheet
957Kb / 62P
   Programmable Logic Device Family
More results

Similar Description - EPF8282AV

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com