Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA28151 Datasheet(PDF) 15 Page - Dynex Semiconductor

Part # MA28151
Description  Radiation hard Programmable Communication Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28151 Datasheet(HTML) 15 Page - Dynex Semiconductor

Back Button MA28151 Datasheet HTML 11Page - Dynex Semiconductor MA28151 Datasheet HTML 12Page - Dynex Semiconductor MA28151 Datasheet HTML 13Page - Dynex Semiconductor MA28151 Datasheet HTML 14Page - Dynex Semiconductor MA28151 Datasheet HTML 15Page - Dynex Semiconductor MA28151 Datasheet HTML 16Page - Dynex Semiconductor MA28151 Datasheet HTML 17Page - Dynex Semiconductor MA28151 Datasheet HTML 18Page - Dynex Semiconductor MA28151 Datasheet HTML 19Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MA28151
15/22
5. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Condition
tCY
Internal clock cycle time
200
1000
nS
Notes 1, 5, 6
t0
External Clock high pulse width
25
-
nS
-
t0
External Clock low pulse width
25
-
nS
-
tR, tF
Clock rise and fall time
-
10
nS
-
tDTX
TxD delay from falling edge of TxD
-
1
µS-
tTPW
Transmitter input clock pulse width
12xtCY
-
-
1 x baud rate
1xtCY
-
-
16 x and 64 x baud rate
tTPD
Transmitter input clock pulse delay
15xtCY
-
-
1 x baud rate
3xtCY
-
-
16 x and 64 x baud rate
tRPW
Receive input clock pulse width
12xtCY
-
-
1 x baud rate
1xtCY
-
-
16 x and 64 x baud rate
tRPD
Receive input clock pulse delay
15xtCY
-
-
1 x baud rate
3xtCY
-
-
16 x and 64 x baud rate
tTxRDY
TxRDY pin delay from CENTER of last bit
-
8xtCY
-
Note 7
tTxRDY CLEAR
TxRDY fall from falling DSN (WRITE)
-
45
-
Note 7
tRxRDY
RxRDY pin delay from center of last bit
-
26xtCY
-
Note 7
tRxRDY CLEAR
RxRDY fall from falling DSN (READ)
-
45
-
Note 7
tTxEMPTY
TxEMPTY from centre of last bit
20xtCY
-
-
Note 7
tWC
Control delay from rising edge of WRITE
8xtCY
-
-
Note 7
tCR
Control to READ set-up time (
DSR, CTS)
20xtCY
-
-
Note 7
tAR
Address stable before DSN (CSN, CDN)
0
-
ns
Note 2
tRA
Address hold time before DSN (CSN, CDN)
0
-
ns
Note 2
tRR
DSN pulse width
20
-
ns
-
tRD
Data delay from DSN falling (READ)
-
30
ns
Note 3
tDF
DSN rising to data floating (READ)
10
45
ns
Note 8
tDW
Data set-up time to DSN rising (WRITE)
15
-
ns
-
tWD
Data hold time to DSN rising (WRITE)
5
-
ns
-
tRV
Recovery time between writes (not shown)
6xtCY
-
-
Note 4
Notes: 1. AC Timings measured VOH = 1.5 VOL = 1.5.
2. CSN and Command/Data are considered as addresses.
3. Assumes that address is valid before DSN goes low.
4. This recovery time is for Mode Initialisation only. Write data is allowed when TxRDY = 1. Recovery time between
writes for Asynchronous Mode is 8xtCY and for Synchronous Mode is 16xtCY.
5. The
TxC and RxC frequencies have the following limitation with respect to clock: For 1 x baudrate, fTX or fRX≤1/
(30tCY): For 16 x and 64 x baud rate, fTX or fRX ≤1/(4.5tCY).
6. Reset Pulse Width = 6tCY minimum; System clock must be running during Reset.
7. Status update can have a maximum delay of 28 clock periods from the event affecting the status.
8. Data Bus connected to VDD via loads of 680Ω (minimum).
Mil-Std-883, method 5005, subgroups 9, 10, 11
Figure 23: AC Electrical Characteristics
Symbol
Parameter
Min.
Max.
Units
Condition
-
Clock Frequency (osc)
-
20
MHz
-
fTx
Transmitter input clock frequency
DC
64
kHz
1 x baud rate
DC
310
kHz
16 x baud rate
DC
615
kHz
64 x baud rate
fRx
Receiver input clock frequency
DC
64
kHz
1x baud rate
DC
310
kHz
16 x baud rate
DC
615
kHz
64 x baud rate
Mil-Std-883, method 5005, subgroups 7, 8A, 8B
Figure 24: Operating AC Electrical Characteristics


Similar Part No. - MA28151

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
More results

Similar Description - MA28151

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
logo
Toshiba Semiconductor
TMP82C51A TOSHIBA-TMP82C51A Datasheet
736Kb / 36P
   PROGRAMMABLE COMMUNICATION INTERFACE
logo
National Semiconductor ...
INS8251 NSC-INS8251 Datasheet
258Kb / 8P
   PROGRAMMABLE COMMUNICATION INTERFACE
logo
InnovASIC, Inc
IA8251 INNOVASIC-IA8251 Datasheet
45Kb / 4P
   Programmable Communication Interface
logo
Intel Corporation
8251A INTEL-8251A Datasheet
785Kb / 25P
   PROGRAMMABLE COMMUNICATION INTERFACE
logo
List of Unclassifed Man...
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
   Enhanced Programmable Communication Interface EPCI
logo
Intersil Corporation
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
HS-82C55ARH INTERSIL-HS-82C55ARH Datasheet
165Kb / 23P
   Radiation Hardened CMOS Programmable Peripheral Interface
logo
Zarlink Semiconductor I...
MA3864 ZARLINK-MA3864 Datasheet
250Kb / 11P
   RADIATION HARD 8192 x 8 BIT MASK-PROGRAMMABLE ROM
logo
Rochester Electronics
8251A ROCHESTER-8251A Datasheet
642Kb / 11P
   PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com