Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K100ARI240-3 Datasheet(PDF) 43 Page - Altera Corporation

Part # EPF10K100ARI240-3
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K100ARI240-3 Datasheet(HTML) 43 Page - Altera Corporation

Back Button EPF10K100ARI240-3 Datasheet HTML 39Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 40Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 41Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 42Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 43Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 44Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 45Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 46Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
Altera Corporation
43
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Figure 18 shows the timing requirements for the JTAG signals.
Figure 18. JTAG Waveforms
Table 16 shows the timing parameters and values for FLEX 10K devices.
Table 16. JTAG Timing Parameters & Values
Symbol
Parameter
Min
Max
Unit
tJCP
TCK
clock period
100
ns
tJCH
TCK
clock high time
50
ns
tJCL
TCK
clock low time
50
ns
tJPSU
JTAG port setup time
20
ns
tJPH
JTAG port hold time
45
ns
tJPCO
JTAG port clock to output
25
ns
tJPZX
JTAG port high impedance to valid output
25
ns
tJPXZ
JTAG port valid output to high impedance
25
ns
tJSSU
Capture register setup time
20
ns
tJSH
Capture register hold time
45
ns
tJSCO
Update register clock to output
35
ns
tJSZX
Update register high-impedance to valid output
35
ns
tJSXZ
Update register valid output to high impedance
35
ns
TDO
TCK
tJPZX
t
JPCO
tJPH
t JPXZ
tJCP
tJPSU
t JCL
tJCH
TDI
TMS
Signal
to Be
Captured
Signal
to Be
Driven
t
JSZX
tJSSU
tJSH
t
JSCO
tJSXZ


Similar Part No. - EPF10K100ARI240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K100ARI240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com