Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K100ARI240-3 Datasheet(PDF) 85 Page - Altera Corporation

Part # EPF10K100ARI240-3
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K100ARI240-3 Datasheet(HTML) 85 Page - Altera Corporation

Back Button EPF10K100ARI240-3 Datasheet HTML 81Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 82Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 83Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 84Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 85Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 86Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 87Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 88Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 89Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
Altera Corporation
85
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 66. EPF10K100 Device EAB Internal Microparameters
Note (1)
Symbol
-3DX Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tEABDATA1
1.5
1.5
1.9
ns
tEABDATA2
4.8
4.8
6.0
ns
tEABWE1
1.0
1.0
1.2
ns
tEABWE2
5.0
5.0
6.2
ns
tEABCLK
1.0
1.0
2.2
ns
tEABCO
0.5
0.5
0.6
ns
tEABBYPASS
1.5
1.5
1.9
ns
tEABSU
1.5
1.5
1.8
ns
tEABH
2.0
2.0
2.5
ns
tAA
8.7
8.7
10.7
ns
tWP
5.8
5.8
7.2
ns
tWDSU
1.6
1.6
2.0
ns
tWDH
0.3
0.3
0.4
ns
tWASU
0.5
0.5
0.6
ns
tWAH
1.0
1.0
1.2
ns
tWO
5.0
5.0
6.2
ns
tDD
5.0
5.0
6.2
ns
tEABOUT
0.5
0.5
0.6
ns
tEABCH
4.0
4.0
4.0
ns
tEABCL
5.8
5.8
7.2
ns


Similar Part No. - EPF10K100ARI240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K100ARI240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com