Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPF10K100ARI240-3 Datasheet(PDF) 56 Page - Altera Corporation

Part # EPF10K100ARI240-3
Description  Embedded Programmable Logic Device Family
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF10K100ARI240-3 Datasheet(HTML) 56 Page - Altera Corporation

Back Button EPF10K100ARI240-3 Datasheet HTML 52Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 53Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 54Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 55Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 56Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 57Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 58Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 59Page - Altera Corporation EPF10K100ARI240-3 Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
56
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Timing simulation and delay prediction are available with the
MAX+PLUS II Simulator and Timing Analyzer, or with industry-
standard EDA tools. The Simulator offers both pre-synthesis functional
simulation to evaluate logic design accuracy and post-synthesis timing
simulation with 0.1-ns resolution. The Timing Analyzer provides point-
to-point timing delay information, setup and hold time analysis, and
device-wide performance analysis.
Figure 24 shows the overall timing model, which maps the possible paths
to and from the various elements of the FLEX 10K device.
Figure 24. FLEX 10K Device Timing Model
Dedicated
Clock/Input
Interconnect
I/O Element
Logic
Element
Embedded Array
Block


Similar Part No. - EPF10K100ARI240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100A ALTERA-EPF10K100A Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results

Similar Description - EPF10K100ARI240-3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF10K10TC144-4N ALTERA-EPF10K10TC144-4N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K30AQI240-3 ALTERA-EPF10K30AQI240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
FLEX10K ALTERA-FLEX10K_03 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RI240-4 ALTERA-EPF10K20RI240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K50VQC240-3 ALTERA-EPF10K50VQC240-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATC144-3 ALTERA-EPF10K10ATC144-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10ATI144-3N ALTERA-EPF10K10ATI144-3N Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K100ABC356-3 ALTERA-EPF10K100ABC356-3 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K10QC208-4 ALTERA-EPF10K10QC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC208-4 ALTERA-EPF10K20RC208-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
EPF10K20RC240-4 ALTERA-EPF10K20RC240-4 Datasheet
1Mb / 128P
   Embedded Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com