Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHE1E470MDD1TD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UHE1E470MDD1TD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE1E470MDD1TD Datasheet(HTML) 2 Page - Nichicon corporation

  UHE1E470MDD1TD Datasheet HTML 1Page - Nichicon corporation UHE1E470MDD1TD Datasheet HTML 2Page - Nichicon corporation UHE1E470MDD1TD Datasheet HTML 3Page - Nichicon corporation UHE1E470MDD1TD Datasheet HTML 4Page - Nichicon corporation UHE1E470MDD1TD Datasheet HTML 5Page - Nichicon corporation UHE1E470MDD1TD Datasheet HTML 6Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
100
150
220
330
470
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
101
151
221
331
471
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
183
5
× 11
6.3
× 11
8
× 11.5
10
× 12.5
8
× 15
8
× 20
10
× 16
10
× 20
12.5
× 15
10
× 25
10
× 31.5
16
× 15
12.5
× 20
12.5
× 25
18
× 15
12.5
× 31.5
12.5
× 35.5
16
× 20
12.5
× 40
16
× 25
18
× 20
16
× 31.5
16
× 35.5
18
× 25
16
× 40
18
× 31.5
18
× 35.5
18
× 40
0.58
0.22
0.13
0.080
0.087
0.069
0.060
0.046
0.049
0.042
0.031
0.042
0.035
0.027
0.043
0.024
0.020
0.027
0.017
0.021
0.026
0.017
0.015
0.019
0.013
0.015
0.014
0.012
2.3
0.87
0.52
0.32
0.35
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.089
0.11
0.078
0.065
0.078
0.056
0.060
0.067
0.050
0.044
0.049
0.038
0.040
0.038
0.032
210
340
640
865
840
1050
1210
1400
1450
1650
1910
1940
1900
2230
2210
2650
2880
2530
3350
2930
2860
3450
3610
3140
4080
4170
4220
4280
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 15
10
× 31.5
12.5
× 20
16
× 15
18
× 15
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
12.5
× 40
16
× 25
18
× 20
16
× 31.5
18
× 25
16
× 35.5
18
× 31.5
16
× 40
18
× 35.5
18
× 40
0.58
0.22
0.13
0.087
0.080
0.069
0.060
0.046
0.042
0.049
0.031
0.035
0.042
0.043
0.027
0.024
0.027
0.020
0.017
0.021
0.026
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.52
0.35
0.32
0.27
0.24
0.18
0.17
0.16
0.12
0.12
0.12
0.11
0.089
0.078
0.078
0.065
0.056
0.060
0.067
0.050
0.049
0.044
0.040
0.038
0.038
0.032
210
340
640
840
865
1050
1210
1400
1650
1450
1910
1900
1940
2210
2230
2650
2530
2880
3350
2930
2860
3450
3140
3610
4170
4080
4220
4280
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
6.3 (0J)
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
10 (1A)
V (Code)
Item
Cap.(
µF)
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 3 will be put at 12th digit of type numbering system.
Code
Standard Ratings
CAT.8100C


Similar Part No. - UHE1E470MDD1TD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE1E470MDD NICHICON-UHE1E470MDD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
More results

Similar Description - UHE1E470MDD1TD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com