Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7A7524 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7A7524
Description  uP Supervisor Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7A7524 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7A7524 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0002
PT0082-7
07/05/12
2
PT7A7511-15/7521-25/7531-35
μP Supervisor Circuits
Pin Description
Pin
Type
Description
MR
I
Manual-Reset: triggers a reset pulse when pulled below 0.8V, active low. It has an internal 250mA pull-
up current and be driven from a TTL or CMOS logic line as well as shorted to ground with a switch.
VCC
Power
Supply Voltage.
GND
Ground
Ground Reference for all signals.
PFI
I
Power-Fail Voltage Monitor Input. When PFI is less than 1.25V, PFO goes low. Connect PFI to GND
or Vcc when not used.
PFO
O
Power-Fail Output: it gets low and sinks current when PFI is less than 1.25V; otherwise PFO stays high.
WDI
I
Watchdog Input: If WDI remains high or low for 1.6sec, the internal watchdog timer runs out and WDO
goes low. Floating WDI or connecting WDI to a high-impedance three-state buffer disables the watchdog
feature. The internal watchdog timer clears whenever reset is asserted. WDI is three-stated, or WDI sees a
rising or falling edge.
RESET
O
Reset Output pulses: low for 200ms when triggered, and stays low whenever Vcc is below the reset
threshold. It remains low for 200ms after Vcc rises above the reset threshold or MR goes from low to high.
A watchdog timeout will not trigger RESET unless WDO is connected to MR.
WDO
O
Watchdog Output: pulls low when the internal watchdog timer finishes its 1.6sec count and does not go
high again until the watchdog is cleared. WDO also goes low during low-line conditions. Whenever Vcc is
below the reset threshold, WDO stays low; however, unlike RESET, WDO does not have minimum pulse
width. As soon as Vcc rises above the reset threshold, WDO goes high with no delay.
RESET
O
The inverse of RESET, active high. Whenever RESET is high, RESET is low.
Block Diagram
Block Diagram of PT7A7511-7515/7521-7525
Vcc
250uA
V
RST
1.25V
Watchdog
Transition Detector
Watchdog Timer
WDI
WDO
Timebase for Reset
& Watchdog
Reset Generator
MR
Vcc
PFI
RESET
(RESET)
PFO


Similar Part No. - PT7A7524

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7A7524 PERICOM-PT7A7524 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7524 DIODES-PT7A7524 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
More results

Similar Description - PT7A7524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC809 ETC1-STC809 Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com