Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7A7532 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PT7A7532
Description  uP Supervisor Circuits
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7A7532 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PT7A7532 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7A7532 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7A7532 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7A7532 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7A7532 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7A7532 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7A7532 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7A7532 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7A7532 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0002
PT0082-7
07/05/12
9
PT7A7511-15/7521-25/7531-35
μP Supervisor Circuits
Ordering Information
Part Number
Package Code
Package
PT7A751xPE
P
Lead free DIP-8
PT7A752xPE
P
Lead free DIP-8
PT7A753xPE
P
Lead free DIP-8
PT7A751xWE
W
Lead free and Green SOIC-8
PT7A752xWE
W
Lead free and Green SOIC-8
PT7A753xWE
W
Lead free and Green SOIC-8
Note:
“x” refers to voltage range, see Function Comparison Table in Page 1.
• E=Lead-free or Lead-free and Green
• Adding X suffix=Tape/Reel
• Contact Pericom for availability.
Function Comparison Table
Part No.
Reset
Threshold
Reset Active
Low or High
Nom. Reset
Time (ms), tRS
Nom. Watch dog
Time (sec), tWD
Power Fail
Comp.
Manual
Reset Input
PT7A7511
4.63V
LOW
200
1.6
1.25V detector
Yes
PT7A7521
4.63V
HIGH
200
1.6
1.25V detector
Yes
PT7A7531
4.63V
LOW, HIGH
200
unavailable
1.25V detector
Yes
PT7A7512
4.38V
LOW
200
1.6
1.25V detector
Yes
PT7A7522
4.38V
HIGH
200
1.6
1.25V detector
Yes
PT7A7532
4.38V
LOW, HIGH
200
unavailable
1.25V detector
Yes
PT7A7513
3.08V
LOW
200
1.6
1.25V detector
Yes
PT7A7523
3.08V
HIGH
200
1.6
1.25V detector
Yes
PT7A7533
3.08V
LOW, HIGH
200
unavailable
1.25V detector
Yes
PT7A7514
2.93V
LOW
200
1.6
1.25V detector
Yes
PT7A7524
2.93V
HIGH
200
1.6
1.25V detector
Yes
PT7A7534
2.93V
LOW, HIGH
200
unavailable
1.25V detector
Yes
PT7A7515
2.63V
LOW
200
1.6
1.25V detector
Yes
PT7A7525
2.63V
HIGH
200
1.6
1.25V detector
Yes
PT7A7535
2.63V
LOW, HIGH
200
unavailable
1.25V detector
Yes
Pericom Semiconductor Corporation  1-800-435-2336  www.pericom.com
Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply
the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The
company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom.


Similar Part No. - PT7A7532

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7A7532 PERICOM-PT7A7532 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7532 DIODES-PT7A7532 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
More results

Similar Description - PT7A7532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC809 ETC1-STC809 Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com