Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2408 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS2408
Description  8-outlet Vertical Power Strip with 15-ft. Cord
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2408 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS2408 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2408 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2408 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8-outlet Vertical Power Strip with 15-ft. Cord
MODEL NUMBER: PS2408
Description
Tripp Lite's PS2408 power strip offers 15 amp, 120v multi-outlet AC power distribution in a convenient 24 inch mountable housing. Offers horizontal or vertical
power distribution in rackmount, raceway and workbench applications. Includes 8 NEMA 5-15R output receptacles with 2.48 inch center-to-center spacing, 15
ft AC line cord and lighted power switch with locking transparent cover to prevent accidental shutoff. Sturdy all-metal extruded aluminum housing stands up to
demanding network, laboratory or factory environments.
INPUT/OUTPUT: Input: NEMA 5-15P/Output: 8 NEMA 5-15R
ELECTRICAL: 120V AC, 50/60Hz, 15A
FORMAT: 24 in. corded, mountable power strip
Features
Sturdy all-metal 24 inch corded strip format with 2.48 inch center-to-center outlet spacing
Included mounting hardware supports vertical or horizontal mounting in rack enclosures, raceways and more
Includes 8 NEMA 5-15R output receptacles
Ideal for horizontal or vertical raceway style power distribution in office, workbench, industrial, networking and telecom applications
Lighted power switch with locking transparent cover prevents accidental shutoff
15 amp electrical capacity with circuit breaker
120V AC, 50/60Hz electrical compatibility
Specifications
OVERVIEW
Intended Application
Home/Office
OUTPUT
Highlights
8 outlets
Convenient and safe covered,
on/off switch
15-amp circuit breaker
15 ft. cord
24" length
Applications
Offers vertical or horizontal
multi-outlet power distribution in
rack enclosures, raceways,
desktops and more.
Package Includes
PS2408
Mounting hardware
Instruction manual
1 / 3


Similar Part No. - PS2408

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS2408 TRIPPLITE-PS2408 Datasheet
52Kb / 3P
   8-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PS240810 TRIPPLITE-PS240810 Datasheet
160Kb / 3P
   8-Outlet Vertical Power Strip, 120V, 15A, 10 ft. (3.05 m) Cord, 5-15P, 24 in.
PS240810 TRIPPLITE-PS240810 Datasheet
37Kb / 3P
   8-Outlet Vertical Power Strip, 120V, 15A, 10 ft. (3.05 m) Cord, 5-15P, 24 in.
PS240810 TRIPPLITE-PS240810_V01 Datasheet
37Kb / 3P
   8-Outlet Vertical Power Strip, 120V, 15A, 10 ft. (3.05 m) Cord, 5-15P, 24 in.
PS2408B TRIPPLITE-PS2408B Datasheet
175Kb / 3P
   8-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 24 in., Black Housing
More results

Similar Description - PS2408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS7224 ETC2-PS7224 Datasheet
461Kb / 4P
   24-outlet Vertical Power Strip with 15-ft. Cord
PS4816 ETC2-PS4816 Datasheet
462Kb / 4P
   16-outlet Vertical Power Strip with 15-ft. Cord
PS3612 ETC2-PS3612 Datasheet
463Kb / 4P
   12-outlet Vertical Power Strip with 15-ft. Cord
PS6020 ETC2-PS6020 Datasheet
462Kb / 4P
   20-outlet Vertical Power Strip with 15-ft. Cord
PS7224-20 ETC2-PS7224-20 Datasheet
463Kb / 4P
   24-outlet Vertical Power Strip with 15-ft. Cord and 20A Circuit Breaker
UL24CB-15 ETC2-UL24CB-15 Datasheet
479Kb / 4P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
602-15 ETC2-602-15 Datasheet
483Kb / 4P
   Waber-by-Tripp Lite 5-outlet Power Strip with 15-ft. Cord
6SPDX-15 ETC2-6SPDX-15 Datasheet
484Kb / 3P
   Waber-by-Tripp Lite 6-outlet Power Strip with 15-ft. Cord
SS7415-15 ETC2-SS7415-15 Datasheet
464Kb / 4P
   16 outlet, 15-ft cord, 450 joule Power Strip with Surge Suppression
logo
Tripp Lite. All Rights ...
UL17CB-15 TRIPPLITE-UL17CB-15 Datasheet
479Kb / 3P
   Waber-by-Tripp Lite 9-outlet Power Strip with 15-ft. Cord
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com