Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PN532 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. PN532
Description  Near Field Communication (NFC) controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN532 Datasheet(HTML) 2 Page - NXP Semiconductors

  PN532 Datasheet HTML 1Page - NXP Semiconductors PN532 Datasheet HTML 2Page - NXP Semiconductors PN532 Datasheet HTML 3Page - NXP Semiconductors PN532 Datasheet HTML 4Page - NXP Semiconductors PN532 Datasheet HTML 5Page - NXP Semiconductors PN532 Datasheet HTML 6Page - NXP Semiconductors PN532 Datasheet HTML 7Page - NXP Semiconductors PN532 Datasheet HTML 8Page - NXP Semiconductors PN532 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
PN512_C1_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.2 — 20 September 2012
120132
2 of 27
NXP Semiconductors
PN532/C1
Near Field Communication (NFC) controller
The PN532 supports the following host interfaces:
SPI
I2C
High Speed UART (HSU)
An embedded low-dropout voltage regulator allows the device to be connected directly to
a battery. In addition, a power switch is included to supply power to a secure IC.
2.
Features and benefits
80C51 microcontroller core with 40 KB ROM and 1 KB RAM
Highly integrated demodulator and decoder
Buffered output drivers to connect an antenna with minimum number of external
components
Integrated RF level detector
Integrated data mode detector
Supports ISO/IEC 14443A/MIFARE
Supports ISO/IEC 14443B (Reader/Writer mode only)
Typical operating distance in Reader/Writer mode for communication to
ISO/IEC 14443A/MIFARE, ISO/IEC 14443B or FeliCa cards up to 50 mm depending
on antenna size and tuning
Typical operating distance in NFCIP-1 mode up to 50 mm depending on antenna size,
tuning and power supply
Typical operating distance in ISO/IEC 14443A/MIFARE or FeliCa card emulation mode
of approximately 100 mm depending on antenna size, tuning and external field
strength
Supports MIFARE Classic 1K or MIFARE Classic 4K encryption in Reader/Writer
mode and MIFARE higher transfer speed communication at 212 kbit/s and 424 kbit/s
Supports contactless communication according to the FeliCa protocol at 212 kbit/s and
424 kbit/s
Integrated RF interface for NFCIP-1 up to 424 kbit/s
Possibility to communicate on the RF interface above 424 kbit/s using external analog
components
Supported host interfaces
SPI interface
I2C interface
High-speed UART
Dedicated host interrupts
Low power modes
Hard-Power-Down mode (1
A typical)
Soft-Power-Down mode (22
A typical)
Automatic wake-up on I2C, HSU and SPI interfaces when device is in Power-down
mode
Programmable timers
Crystal oscillator
2.7 to 5.5 V power supply operating range


Similar Part No. - PN532

ManufacturerPart No.DatasheetDescription
API Technologies Corp
API Technologies Corp
PN5325 APITECH-PN5325 Datasheet
63Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - PN532

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
PN5331B3HN NXP-PN5331B3HN Datasheet
1Mb / 236P
   Near Field Communication (NFC) controller
Rev. 3.4-29 November 2017
PN533 PHILIPS-PN533 Datasheet
76Kb / 9P
   Near Field Communication (NFC) controller
Rev. 3.3-16 July 2012
PN7160 NXP-PN7160 Datasheet
755Kb / 68P
   Near Field Communication (NFC) controller
Rev.3.2-30September2021
STMicroelectronics
STMicroelectronics
ST21NFCA STMICROELECTRONICS-ST21NFCA Datasheet
263Kb / 6P
   Near field communication microcontroller
ST25R95 STMICROELECTRONICS-ST25R95 Datasheet
874Kb / 61P
   Near field communication transceiver
April 2019
Panasonic Battery Group
Panasonic Battery Group
NFC PANASONICBATTERY-NFC Datasheet
202Kb / 1P
   Near Field Communication LSI
STMicroelectronics
STMicroelectronics
STRFNFCA STMICROELECTRONICS-STRFNFCA Datasheet
814Kb / 74P
   Near field communication transceiver
Texas Instruments
Texas Instruments
TRF7970A TI1-TRF7970A_14 Datasheet
2Mb / 87P
[Old version datasheet]   Multiprotocol Fully Integrated 13.56-MHz RFID and Near Field Communication (NFC) Transceiver IC
Molex Electronics Ltd.
Molex Electronics Ltd.
1462360151 MOLEX-1462360151 Datasheet
39Kb / 1P
   Rectangular Near Field Communication (NFC) Antenna, with Ferrite, 15.00mm by 15.00mm by 0.27mm
1462360001 MOLEX-1462360001 Datasheet
37Kb / 1P
   Rectangular Near Field Communication (NFC) Antenna, without Ferrite, 15.00mm by 25.00mm by 0.17mm
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com