Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0420T Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # P0420T
Description  SMT COMMON MODE CHOKES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P0420T Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  P0420T Datasheet HTML 1Page - Pulse A Technitrol Company P0420T Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.pulseeng.com
117
SPM2007 (7/07)
SMT COMMON MODE CHOKES
1.22A to 14.0A
Suggested Pad Layout
4X .175
4,45
.390 MAX
9,91
1
2
3
4
.670 MAX
17,02
.650 MAX
16,51
.770 MAX
19,56
.650
16,51
3
1
4
2
.445
11,30
4X .060
1,52
R
.445
11,30
.005/0,13
4 SURFACES
3
1
2
4
4X
.060
1,52
4X
.175
4,45
Suggested Pad Layout
.500 MAX
12,70
.215 MAX
5,46
.410
10,41
.330
8,38
.410
10,41
R
.500 MAX
12,70
.005/0,13
4 SURFACES
.330
8,38
13
4
2
.500 MAX
12,70
1.100
27,94
1.220 MAX
30,99
1.000MAX
25,40
13
2
4
.006/0,15
4 SURFACES
Suggested Pad Layout
.600
15,24
.400
10,16
1.100
27,94
.155
3,94
1
3
2
4
4X .300
7,62
4X .080
2,03
R
1.000
25,40
1
2
4
3
.620
15,75
.005/0,13
4 SURFACES
.395 MAX
10,03
Suggested Pad Layout
1.110 MAX
28,19
1.000 ± .015
25,40 0,38
1
2
4
3
1.000
25,40
4
1
2
3
Mechanicals
Schematic
Unless otherwise specified, all tolerances are ± .005
0,13
Dimensions: Inches
mm
Polecat
LCCI-50
HCCI-68
Big Foot
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811


Similar Part No. - P0420T

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0420 PULSE-P0420 Datasheet
129Kb / 2P
   Solutions based on impedance, size and current
logo
Wuxi U-NIKC Semiconduct...
P0420AD UNIKC-P0420AD Datasheet
482Kb / 6P
   N-Channel Enhancement Mode MOSFET
P0420AI UNIKC-P0420AI Datasheet
482Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P0420HDB NIKOSEM-P0420HDB Datasheet
186Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P0420HDB UNIKC-P0420HDB Datasheet
807Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - P0420T

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0353NLT PULSE-P0353NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
H604 PULSE-H604 Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
P0502NL PULSE-P0502NL Datasheet
784Kb / 2P
   SMT Common Mode Chokes
PL8202NL PULSE-PL8202NL Datasheet
126Kb / 2P
   SMT COMMON MODE CHOKES
PL2477 PULSE-PL2477 Datasheet
460Kb / 2P
   SMT COMMON MODE CHOKES
logo
Allied Components Inter...
ACM0408CI ALLIED-ACM0408CI Datasheet
442Kb / 1P
   SMT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
P0473T PULSE-P0473T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0351NLT PULSE-P0351NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0473NLT PULSE-P0473NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0429NLT PULSE-P0429NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com