Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C105Z4VACTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1206C105Z4VACTU
Description  Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C105Z4VACTU Datasheet(HTML) 4 Page - Kemet Corporation

  C1206C105Z4VACTU Datasheet HTML 1Page - Kemet Corporation C1206C105Z4VACTU Datasheet HTML 2Page - Kemet Corporation C1206C105Z4VACTU Datasheet HTML 3Page - Kemet Corporation C1206C105Z4VACTU Datasheet HTML 4Page - Kemet Corporation C1206C105Z4VACTU Datasheet HTML 5Page - Kemet Corporation C1206C105Z4VACTU Datasheet HTML 6Page - Kemet Corporation C1206C105Z4VACTU Datasheet HTML 7Page - Kemet Corporation C1206C105Z4VACTU Datasheet HTML 8Page - Kemet Corporation C1206C105Z4VACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1005_Y5V_SMD • 6/6/2014
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – Y5V Dielectric, 6.3 – 50 VDC (Commercial Grade)
Table 1 – Capacitance Range/Selection Waterfall (0402 – 1210 Case Sizes)
Capacitance Capacitance
Code
Case Size/
Series
C0402C
C0603C
C0805C
C1206C
C1210C
Voltage Code
9
8
4
9
8
4
3
9
8
4
3
5
9
8
4
3
5
9
8
4
3
5
Rated Voltage (VDC)
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
22,000 pF
223
M
Z
BB BB BB CF CF CF CF DC DC DC DC DC
27,000 pF
273
M
Z
BB BB BB CF CF CF CF DC DC DC DC DC
33,000 pF
333
M
Z
BB BB BB CF CF CF CF DC DC DC DC DC
39,000 pF
393
M
Z
BB BB BB CF CF CF CF DD DD DD DD DD
47,000 pF
473
M
Z
BB² BB¹ BB¹ CF CF CF CF DD DD DD DD DD
56,000 pF
563
M
Z
BB BB BB CF CF CF CF DD DD DD DD DD
68,000 pF
683
M
Z
BB BB BB CF CF CF CF DD DD DD DD DD
82,000 pF
823
M
Z
BB BB BB CF CF CF CF DD DD DD DD DD
0.10 µF
104
M
Z
BB BB BB CG CG CG CG DC DC DC DC DC
0.12 µF
124
M
Z
CG CG CG CG DC DC DC DC
0.15 µF
154
M
Z
CG CG CG CG DC DC DC DC
0.18 µF
184
M
Z
CG CG CG CG DC DC DC DC
0.22 µF
224
M
Z
BB
CG CG CG CG DC DC DC DC DG EC EC EC EC
FD FD FD FD FD
0.27 µF
274
M
Z
CG CG CG CG DC DC DC DC
EB EB EB EB
FD FD FD FD FD
0.33 µF
334
M
Z
CG CG CG CG DC DC DC DC
EB EB EB EB
FD FD FD FD FD
0.39 µF
394
M
Z
CG CG CG
DC DC DC DC
EB EB EB EB
FD FD FD FD FD
0.47 µF
474
M
Z
BB
CG CG CG
DC DC DC DC
EC EC EC EC
FD FD FD FD FD
0.56 µF
564
M
Z
CG CG
DD DD DD DD
EB EB EB EB
FD FD FD FD FD
0.68 µF
684
M
Z
CG CG
DE DE DE DE
EB EB EB EB
FD FD FD FD FD
0.82 µF
824
M
Z
CG CG
DG DG DG DG
EB EB EB EB
FF FF FF FF FF
1.0 µF
105
M
Z
BB BB
CG CG CG CG DG DG DG DG DG EF EF EF EG
FH FH FH FH FH
1.2 µF
125
M
Z
DC DC DC
EC EC EC
FD FD FD
1.5 µF
155
M
Z
DC DC DC
EC EC EC
FD FD FD
1.8 µF
185
M
Z
DD DD DD
ED ED ED
FD FD FD
2.2 µF
225
M
Z
BB BB
DG DG DG
EH EH EH
FJ FJ FJ
3.3 µF
335
M
Z
DL DL DG
EH EH EH
FE FE FE
4.7 µF
475
M
Z
DG DG DG
EM EM EM
FT FT FT
5.6 µF
565
M
Z
DF DF
EJ EJ EJ
FG FG FG
6.8 µF
685
M
Z
DG DG
EJ EJ
FH FH FH
10 µF
106
M
Z
DG DG
EH EH EH EH
FT FT FT
15 µF
156
M
Z
FH FH FH
22 µF
226
M
Z
EH EH
FH FH FH FH
Capacitance
Capacitance
Code
Rated Voltage (VDC)
Voltage Code
9
8
4
9
8
4
3
9
8
4
3
5
9
8
4
3
5
9
8
4
3
5
Case Size/
Series
C0402C
C0603C
C0805C
C1206C
C1210C


Similar Part No. - C1206C105Z4VACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C105Z3VACTU KEMET-C1206C105Z3VACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, -20/80%, 25 V, 1206, Y5V, SMD, MLCC, General Purpose, Class III
More results

Similar Description - C1206C105Z4VACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0402C181K5RACTU KEMET-C0402C181K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com