Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C200H-COV11 Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # C200H-COV11
Description  PRODUCT PERFORMANCE STANDARDS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

C200H-COV11 Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button C200H-COV11 Datasheet HTML 30Page - Omron Electronics LLC C200H-COV11 Datasheet HTML 31Page - Omron Electronics LLC C200H-COV11 Datasheet HTML 32Page - Omron Electronics LLC C200H-COV11 Datasheet HTML 33Page - Omron Electronics LLC C200H-COV11 Datasheet HTML 34Page - Omron Electronics LLC C200H-COV11 Datasheet HTML 35Page - Omron Electronics LLC C200H-COV11 Datasheet HTML 36Page - Omron Electronics LLC C200H-COV11 Datasheet HTML 37Page - Omron Electronics LLC C200H-COV11 Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
CS1 Ordering Guide
4:;
Current Consumption Tables
5 VDC Voltage Group — High-density I/O Modules (Special I/O Modules)
Item
Description
Consumption (A)
Part number
C200H High-density I/O Modules
(S
i l I/O M d l
)
DC Input Module
0.13
C200H-ID215
g
y
(Special I/O Modules)
TTL Input Module
0.13
C200H-ID501
Transistor Output Module
0.22
C200H-OD215
TTL Output Module
0.22
C200H-OD501
TTL I/O Module
0.18
C200H-MD501
DC Input/Transistor Output Module
0.18
C200H-MD215
0.18
C200H-MD115


Similar Part No. - C200H-COV11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
C200H-CN131 OMRON-C200H-CN131 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
C200H-CN221 OMRON-C200H-CN221 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
C200H-CN222 OMRON-C200H-CN222 Datasheet
1Mb / 22P
   Programmable Controller
C200H-CN222 OMRON-C200H-CN222 Datasheet
1,006Kb / 27P
   CPM1A System configuration
C200H-CN222 OMRON-C200H-CN222 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - C200H-COV11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC20GF621J ETC2-RC20GF621J Datasheet
189Kb / 2P
   Meets performance standards of EIA RS-172
logo
TT Electronics.
IBT TTELEC-IBT Datasheet
333Kb / 3P
   Meets performance standards of EIA RS-172
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Bel Fuse Inc.
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
SI2156-B30 ETC2-SI2156-B30 Datasheet
60Kb / 2P
   Worldwide High-Performance TV Tuner IC for Analog and Digital Standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com