Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSHN-2200 Datasheet(PDF) 2 Page - TDK Electronics

Part # RSHN-2200
Description  3A to 300A, 250VAC EMI Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RSHN-2200 Datasheet(HTML) 2 Page - TDK Electronics

  RSHN-2200 Datasheet HTML 1Page - TDK Electronics RSHN-2200 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
174
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision A3: Dec 2011
RSHN-2003/2006/2010/2016/2020/2030
RSHN-2040/2050/2060/2080/2100/2150/2200/2250/2300
Part No.
RSHN-2003
RSHN-2006
RSHN-2010
RSHN-2016
RSHN-2020
RSHN-2030
RSHN-2040
RSHN-2050
RSHN-2060
RSHN-2080
RSHN-2100
RSHN-2150
RSHN-2200
RSHN-2250
RSHN-2300
A
98
127
272
430
473
593
B
52
52
100
161
190
195
C
35
35
60
85
88
103
D
86
115
254
410
453
573
E
43
43
82
135
164
169
F
M4
M4
M5
M8
M8
M10
G
4.5
5.5
6.5
Recommended clamping torque
1.27N
m
2.5N
m
7.64N
m
11.8N
m
Dimensions in mm
A
C
F
D
øG
A
C
D
øG
F
RSHN Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/r-series.htm
Outline Drawing


Similar Part No. - RSHN-2200

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RSHN-2200 TDK-RSHN-2200 Datasheet
2Mb / 7P
   High-Attenuation Type Single-Phase Filter with Various Variations and Functions
More results

Similar Description - RSHN-2200

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RTEN-5100 TDK-RTEN-5100 Datasheet
182Kb / 2P
   6A to 300A, 500VAC EMI Filters
logo
Soshin electric Co., Lt...
NF3000A-RQ2 SOSHIN-NF3000A-RQ2 Datasheet
124Kb / 3P
   3-phase 3-lin 250VAC Available 80-300A, Standard of 3-phase EMI filters
logo
E-SWITCH
ST711079 E-SWITCH-ST711079 Datasheet
131Kb / 1P
   RATING: 3A @120VAC OR28VDC; 1A @ 250VAC
ST750102 E-SWITCH-ST750102 Datasheet
122Kb / 1P
   RATING: 3A @ 120VAC or 28VDC; 1A @ 250VAC
ST711080 E-SWITCH-ST711080 Datasheet
181Kb / 1P
   RATING: 3A @ 120VAC or 28VDC; 1A @250VAC.
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
logo
E-SWITCH
ST711083 E-SWITCH-ST711083 Datasheet
133Kb / 1P
   RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
logo
Panasonic Semiconductor
EXC-CET220U PANASONIC-EXC-CET220U Datasheet
99Kb / 3P
   Chip EMI Filters
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com