Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSHN-2100 Datasheet(PDF) 1 Page - TDK Electronics

Part # RSHN-2100
Description  3A to 300A, 250VAC EMI Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RSHN-2100 Datasheet(HTML) 1 Page - TDK Electronics

  RSHN-2100 Datasheet HTML 1Page - TDK Electronics RSHN-2100 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
173
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
RSHN Series
Features
u Two Stage Filter for Better Performance
u DIN Rail Mount Option (Up 30A)
u Low Earth Leakage Current Option (Up to 30A)
u Conforms to UL, CSA and EN Safety Agency Certifications
3A to 300A, 250VAC EMI Filters
RSHN-2003
RSHN-2006
RSHN-2010
RSHN-2016
RSHN-2020
RSHN-2003D
RSHN-2006D
RSHN-2010D
RSHN-2016D
RSHN-2020D
Model
RSHN-2003L
RSHN-2006L
RSHN-2010L
RSHN-2016L
RSHN-2020L
Rated Voltage (AC, DC)
V
250V
Rated Current
A
3A
6A
10A
16A
20A
DC Resistance (total)
350
140
60
35
22
RSHN-2030
RSHN-2030D
RSHN-2040
RSHN-2050
RSHN-2060
RSHN-2080
Model
RSHN-2030L
Rated Voltage (AC, DC)
V
250V
Rated Current
A
30A
40A
50A
60A
80A
DC Resistance (total)
12
10
8
6
7
Model
RSHN-2100
RSHN-2150
RSHN-2200
RSHN-2250
RSHN-2300
Rated Voltage (AC, DC)
V
250V
Rated Current
A
100A
150A
200A
250A
300A
DC Resistance (total)
6
4
3
2
1.5
Withstand Voltage
V
Terminals to Case: 2500VAC (1 Minute)
Isolation Resistance
100MΩ minimum (500VDC, 1 Minute)
Leakage Current (max)
A
RSHN-20xx 1mA; RSHN20xxL 100uA (250VAC, 60Hz)
Operating Temperature
°C
-25 to +85°C (Derate above 50 / 55°C, see derating curve)
Storage Temperature
°C
-25 to +85°C
Safety Agency Certifications
-
Up to 30A Models - UL1283, CSA C22.2 No.8, EN60939
Weight
g
190g to 13000g model dependant (See weights chart on website)
Warranty
yr
1 Year
Specifications
Chassis Mount & Standard Leakage Current
RSHN-20xx
DIN Rail Mount & Standard Leakage Current
RSHN-20xxD
Chassis Mount & Low Leakage Current
RSHN-20xxL
Options
Derating
Circuit
Key Market Segments & Applications


Similar Part No. - RSHN-2100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RSHN-2100 TDK-RSHN-2100 Datasheet
2Mb / 7P
   High-Attenuation Type Single-Phase Filter with Various Variations and Functions
More results

Similar Description - RSHN-2100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RTEN-5100 TDK-RTEN-5100 Datasheet
182Kb / 2P
   6A to 300A, 500VAC EMI Filters
logo
Soshin electric Co., Lt...
NF3000A-RQ2 SOSHIN-NF3000A-RQ2 Datasheet
124Kb / 3P
   3-phase 3-lin 250VAC Available 80-300A, Standard of 3-phase EMI filters
logo
E-SWITCH
ST711079 E-SWITCH-ST711079 Datasheet
131Kb / 1P
   RATING: 3A @120VAC OR28VDC; 1A @ 250VAC
ST750102 E-SWITCH-ST750102 Datasheet
122Kb / 1P
   RATING: 3A @ 120VAC or 28VDC; 1A @ 250VAC
ST711080 E-SWITCH-ST711080 Datasheet
181Kb / 1P
   RATING: 3A @ 120VAC or 28VDC; 1A @250VAC.
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
logo
E-SWITCH
ST711083 E-SWITCH-ST711083 Datasheet
133Kb / 1P
   RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
logo
Panasonic Semiconductor
EXC-CET220U PANASONIC-EXC-CET220U Datasheet
99Kb / 3P
   Chip EMI Filters
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com