Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT7006SL Datasheet(PDF) 16 Page - Integrated Device Technology

Part No. IDT7006SL
Description  HIGH-SPEED HIGH-SPEED STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7006SL Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button IDT7006SL Datasheet HTML 12Page - Integrated Device Technology IDT7006SL Datasheet HTML 13Page - Integrated Device Technology IDT7006SL Datasheet HTML 14Page - Integrated Device Technology IDT7006SL Datasheet HTML 15Page - Integrated Device Technology IDT7006SL Datasheet HTML 16Page - Integrated Device Technology IDT7006SL Datasheet HTML 17Page - Integrated Device Technology IDT7006SL Datasheet HTML 18Page - Integrated Device Technology IDT7006SL Datasheet HTML 19Page - Integrated Device Technology IDT7006SL Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
IDT7006S/L
High-Speed 16K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Truth Table IV — Address BUSY Arbitration
NOTES:
1. Pins
BUSYL and BUSYR are both outputs when the part is configured as a master. Both are inputs when configured as a slave. BUSYX outputs on the IDT7006 are
push pull, not open drain outputs. On slaves the
BUSYX input internally inhibits writes.
2. "L" if the inputs to the opposite port were stable prior to the address and enable inputs of this port. "H" if the inputs to the opposite port became stable after the address
and enable inputs of this port. If tAPS is not met, either
BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs cannot be low simultaneously.
3. Writes to the left port are internally ignored when
BUSYL outputs are driving low regardless of actual logic level on the pin. Writes to the right port are internally ignored
when
BUSYR outputs are driving LOW regardless of actual logic level on the pin.
Truth Table V — Example of Semaphore Procurement Sequence(1,2,3)
NOTES:
1. This table denotes a sequence of events for only one of the eight semaphores on the IDT7006.
2. There are eight semaphore flags written to via I/O0 and read from all I/O's. These eight semaphores are addressed by A0 - A2.
3.
CE = VIH, SEM = VIL to access the semaphores. Refer to the Semaphore Read/Write Control Truth Table.
Theleftportclearstheinterruptbyreadingaddresslocation3FFEaccess
when
CER = OER = VIL, R/W is a "don't care". Likewise, the right port
interruptflag(
INTR)isassertedwhentheleftportwritestomemorylocation
3FFF (HEX) and to clear the interrupt flag (
INTR),therightportmustread
thememorylocation3FFF. Themessage(8bits)at3FFEor3FFFisuser-
defined, since it is an addressable SRAM location. If the interrupt function
isnotused,addresslocations3FFEand3FFFarenotusedasmailboxes,
but as part of the random access memory. Refer to Truth Table III for the
interruptoperation.
Busy Logic
Busy Logic provides a hardware indication that both ports of the RAM
Functional Description
The IDT7006 provides two ports with separate control, address and
I/Opinsthatpermitindependentaccessforreadsorwritestoanylocation
inmemory.TheIDT7006hasanautomaticpowerdownfeaturecontrolled
by
CE. The CE controls on-chip power down circuitry that permits the
respective port to go into a standby mode when not selected (
CE HIGH).
When a port is enabled, access to the entire memory array is permitted.
Interrupts
Iftheuserchoosestheinterruptfunction,amemorylocation(mailbox
or message center) is assigned to each port. The left port interrupt flag
(
INTL) is asserted when the right port writes to memory location 3FFE
(HEX) where a write is defined as
CE = R/W = VIL per the Truth Table .
Inputs
Outputs
Function
CEL
CER
AOL-A13L
AOR-A13R
BUSYL(1)
BUSYR(1)
X
X
NO MATCH
H
H
Normal
H
X
MATCH
H
H
Normal
X
H
MATCH
H
H
Normal
L
L
MATCH
(2)
(2)
Write Inhibit(3)
2739 tbl 18
Functions
D0 - D7 Left
D0 - D7 Right
Status
No Action
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Rig ht Port Writes "0" to Semaphore
0
1
No change. Right side has no write access to semaphore
Left Port Writes "1" to Semaphore
1
0
Right port obtains semaphore token
Left Port Writes "0" to Semaphore
1
0
No change. Left port has no write access to semaphore
Rig ht Port Writes "1" to Semaphore
0
1
Left port obtains semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
Rig ht Port Writes "0" to Semaphore
1
0
Right port has semaphore token
Rig ht Port Writes "1" to Semaphore
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
2739 tbl 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn