Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT7006SL Datasheet(PDF) 15 Page - Integrated Device Technology

Part No. IDT7006SL
Description  HIGH-SPEED HIGH-SPEED STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT7006SL Datasheet(HTML) 15 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
6.42
IDT7006S/L
High-Speed 16K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
15
Waveform of Interrupt Timing(1)
Truth Tables
Truth Table III — Interrupt Flag(1,4)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from port “A”.
2. See Interrupt Truth Table III.
3. Timing depends on which enable signal (
CE or R/W) is asserted last.
4. Timing depends on which enable signal (
CE or R/W) is de-asserted first.
NOTES:
1. Assumes
BUSYL = BUSYR = VIH.
2. If
BUSYL = VIL, then no change.
3. If
BUSYR = VIL, then no change.
4.
INTR and INTL must be initialized at power-up.
2739 drw 17
ADDR"A"
INTERRUPT SET ADDRESS
(2)
CE"A"
R/
W"A"
tAS
(3)
tWC
tWR
(4)
tINS
(3)
INT"B"
2739 drw 18
ADDR"B"
INTERRUPT CLEAR ADDRESS
(2)
CE"B"
OE"B"
tAS
(3)
tRC
tINR
(3)
INT"B"
Left Port
Right Port
Function
R/
WL
CEL
OEL
A13L-A0L
INTL
R/
WR
CER
OER
A13R-A0R
INTR
L
L
X
3FFF
XXXX
X
L(2)
Set Right
INTR Flag
X
X
XXX
X
L
L
3FFF
H(3)
Reset Right
INTR Flag
XXX
X
L(3)
L
L
X3FFEX
Set Left
INTL Flag
XL
L
3FFE
H(2)
X
X
X
X
X
Reset Left
INTL Flag
2739 tbl 17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn