Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT7006SL Datasheet(PDF) 14 Page - Integrated Device Technology

Part No. IDT7006SL
Description  HIGH-SPEED HIGH-SPEED STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT7006SL Datasheet(HTML) 14 Page - Integrated Device Technology

Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
IDT7006S/L
High-Speed 16K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Waveform of BUSY Arbitration Controlled by CE Timing(1) (M/S = VIH)
Waveform of BUSY Arbitration Cycle Controlled by Address Match
Timing(1)(M/S = VIH)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from port “A”.
2. If tAPS is not satisfied, the
BUSY signal will be asserted on one side or another but there is no guarantee on which side BUSY will be asserted.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(1)
NOTES:
1. 'X' in part numbers indicates power rating (S or L).
2739 drw 15
ADDR"A"
and "B"
ADDRESSES MATCH
CE"A"
CE"B"
BUSY"B"
tAPS
(2)
tBAC
tBDC
2739 drw 16
ADDR"A"
ADDRESS "N"
ADDR"B"
BUSY"B"
tAPS
(2)
tBAA
tBDA
MATCHING ADDRESS "N"
7006X15
Com'l Only
7006X17
Com'l Only
7006X20
Com'l, Ind
& Military
7006X25
Com'l &
Military
Symbol
Parameter
Min.Max.Min.
Max.
Min.Max.Min.
Max.
Unit
INTERRUPT TIMING
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tINS
Interrupt Set Time
____
15
____
15
____
20
____
20
ns
tINR
Interrupt Reset Time
____
15
____
15
____
20
____
20
ns
2739 tbl 16a
7006X35
Com'l &
Military
7006X55
Com'l, Ind
& Military
7006X70
Military Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
INTERRUPT TIMING
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tINS
Interrupt Set Time
____
25
____
40
____
50
ns
tINR
Interrupt Reset Time
____
25
____
40
____
50
ns
2739 tbl 16b


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn