Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT7006SL Datasheet(PDF) 20 Page - Integrated Device Technology

Part No. IDT7006SL
Description  HIGH-SPEED HIGH-SPEED STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT7006SL Datasheet(HTML) 20 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
IDT7006S/L
High-Speed 16K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Ordering Information
NOTES:
1. Industrial temperature range is available on selected TQFP packages in standard power.
For other speeds, packages and powers contact your sales office.
2. Green parts available. For specific speeds, packages and powers contact your local sales office.
2739 drw 21
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I
B
Commercial (0
°Cto +70°C)
Industrial (-40
°Cto+85°C)
Military (-55
°Cto+125°C)
Compliant to MIL-PRF-38535 QML
PF
G
J
F
64-pin TQFP (PN64-1)
68-pin PGA (G68-1)
68-pin PLCC (J68-1)
68-pin Flatpack (F68-1)
15
17
20
25
35
55
70
Commercial Only
Commercial Only
Commercial, Industrial & Military
Commercial & Military
Commercial & Military
Commercial, Industrial, & Military
Military Only
S
L
Standard Power
Low Power
XXXXX
Device
Type
128K (16K x 8) Dual-Port RAM
7006
Speedinnanoseconds
A
G
(2)
Green
(1)
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
01/04/99:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetic and typographical corrections
Added additional notes to pin configurations
06/03/99:
Changed drawing format
09/14/99:
Page 15
Changed 3FFF to 3FFE in Truth Table III
11/10/99:
Replaced IDT logo
12/22/99:
Page 1
Corrected drawing error
05/08/00:
Page 1
Added copywright info
Page 4
Increased storage temperature parameter
Clarified TAparameter
Page 6
DC Electrical parameters–changed wording from "open" to "disabled"
Changed ±500mV to 0mV in notes
09/12/01:
Page 2 & 3
Added date revision for pin configurations
Page 6
Added Industrial temp to the column heading for 20ns to DC Electrical Characteristics
Pages 7,9,12&14
Added Industrial temp to the column headings for 20ns to AC Electrical Characteristics
Page 7
Table 13a appeared twice, corrected and placed table 13b for 35, 55 & 70ns speeds
Pages 4,6,7,9,
Removed Industrial temp note from all tables
12 & 14
Page 20
Added Industrial temp to 20ns in ordering information
01/31/06:
Page 1
Added green availability to features
Page 20
Added green indicator to ordering information
10/21/08:
Page 20
Removed "IDT" from orderable part number


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn