Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT7006SL Datasheet(PDF) 19 Page - Integrated Device Technology

Part No. IDT7006SL
Description  HIGH-SPEED HIGH-SPEED STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7006SL Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button IDT7006SL Datasheet HTML 12Page - Integrated Device Technology IDT7006SL Datasheet HTML 13Page - Integrated Device Technology IDT7006SL Datasheet HTML 14Page - Integrated Device Technology IDT7006SL Datasheet HTML 15Page - Integrated Device Technology IDT7006SL Datasheet HTML 16Page - Integrated Device Technology IDT7006SL Datasheet HTML 17Page - Integrated Device Technology IDT7006SL Datasheet HTML 18Page - Integrated Device Technology IDT7006SL Datasheet HTML 19Page - Integrated Device Technology IDT7006SL Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
6.42
IDT7006S/L
High-Speed 16K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
19
to indicate the side which would control the lower section of memory, and
Semaphore 1 could be defined as the indicator for the upper section of
memory.
To take a resource, in this example the lower 8K of Dual-Port RAM,
the processor on the left port could write and then read a zero in to
Semaphore 0. If this task were successfully completed (a zero was read
back rather than a one), the left processor would assume control of the
lower8K.Meanwhiletherightprocessorwasattemptingtogaincontrolof
the resourceaftertheleftprocessor,itwouldreadbackaoneinresponse
to the zero it had attempted to write into Semaphore 0. At this point, the
software could choose to try and gain control of the second 8K section by
writing, then reading a zero into Semaphore 1. If it succeeded in gaining
control, it would lock out the left side.
Once the left side was finished with its task, it would write a one to
Semaphore 0 and may then try to gain access to Semaphore 1. If
Semaphore 1 was still occupied by the right side, the left side could undo
itssemaphorerequestandperformothertasksuntilitwasabletowrite,then
readazerointoSemaphore1.Iftherightprocessorperformsasimilartask
with Semaphore 0, this protocol would allow the two processors to swap
8K blocks of Dual-Port RAM with each other.
The blocks do not have to be any particular size and can even be
variable, depending upon the complexity of the software using the
semaphore flags. All eight semaphores could be used to divide the Dual-
Port RAM or other shared resources into eight parts. Semaphores can
even be assigned different meanings on different sides rather than being
given a common meaning as was shown in the example above.
Semaphores are a useful form of arbitration in systems like disk
interfaceswheretheCPUmustbelockedoutofasectionofmemoryduring
a transfer and the I/O device cannot tolerate any wait states. With the use
ofsemaphores,oncethetwodeviceshasdeterminedwhichmemoryarea
was“off-limits”totheCPU,boththeCPUandtheI/Odevicescouldaccess
their assigned portions of memory continuously without any wait states.
Semaphoresarealsousefulinapplicationswherenomemory“WAIT”
stateisavailableononeorbothsides.Onceasemaphorehandshakehas
been performed, both processors can access their assigned RAM
segments at full speed.
Another application is in the area of complex data structures. In this
case,blockarbitrationisveryimportant.Forthisapplicationoneprocessor
may be responsible for building and updating a data structure. The other
processor then reads and interprets that data structure. If the interpreting
processorreadsanincompletedatastructure,amajorerrorconditionmay
exist. Therefore, some sort of arbitration must be used between the two
differentprocessors.Thebuildingprocessorarbitratesfortheblock,locks
it and then is able to go in and update the data structure. When the update
is completed, the data structure block is released. This allows the
interpretingprocessortocomebackandreadthecompletedatastructure,
thereby guaranteeing a consistent data structure.
Figure 4. IDT7006 Semaphore Logic
D0
2739 drw 20
D
Q
WRITE
D0
D
Q
WRITE
SEMAPHORE
REQUEST FLIP FLOP
SEMAPHORE
REQUEST FLIP FLOP
LPORT
RPORT
SEMAPHORE
READ
SEMAPHORE
READ
,


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn