Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF8045SK41 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # DSF8045SK41
Description  Fast Recovery Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF8045SK41 Datasheet(HTML) 8 Page - Dynex Semiconductor

  DSF8045SK41 Datasheet HTML 1Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 2Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 3Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 4Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 5Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 6Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 7Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 8Page - Dynex Semiconductor DSF8045SK41 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DSF8045SK
8/9
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
2 Holes Ø3.6 x 2.0 deep (One in each electrode)
Ø25 nom
Cathode
Ø42 max
Ø25 nom
Anode
Nominal weight: 160g
Clamping force: 8kN
±10%
Package outine type code: K
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature or power semiconductors
AN4506
Recommendations for clamping power semiconductors
AN4839
Thyristor and diode measurement with a multi-meter
AN4853
Use of V
TO
, r
T
on-state characteristic
AN5001


Similar Part No. - DSF8045SK41

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DSF8045SK41 DYNEX-DSF8045SK41 Datasheet
90Kb / 7P
   Fast Recovery Diode
DSF8045SK41 DYNEX-DSF8045SK41 Datasheet
263Kb / 7P
   Fast Recovery Diode
More results

Similar Description - DSF8045SK41

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com