Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF8025SE24 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DSF8025SE24
Description  Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF8025SE24 Datasheet(HTML) 7 Page - Dynex Semiconductor

  DSF8025SE24 Datasheet HTML 1Page - Dynex Semiconductor DSF8025SE24 Datasheet HTML 2Page - Dynex Semiconductor DSF8025SE24 Datasheet HTML 3Page - Dynex Semiconductor DSF8025SE24 Datasheet HTML 4Page - Dynex Semiconductor DSF8025SE24 Datasheet HTML 5Page - Dynex Semiconductor DSF8025SE24 Datasheet HTML 6Page - Dynex Semiconductor DSF8025SE24 Datasheet HTML 7Page - Dynex Semiconductor DSF8025SE24 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DSF8025SE
7/8
2 holes Ø3.6
± 0.1 x 2.0 ± 0.1 deep
(One in each electrode)
Cathode
Anode
Ø25nom.
Ø42max
Ø25nom.
Nominal weight: 82g
Clamping force: 8kN
±10%
Package outine type code: E
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature or power semiconductors
AN4506
Recommendations for clamping power semiconductors
AN4839
Thyristor and diode measurement with a multi-meter
AN4853
Use of V
TO
, r
T
on-state characteristic
AN5001


Similar Part No. - DSF8025SE24

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DSF8025SE24 DYNEX-DSF8025SE24 Datasheet
91Kb / 8P
   Fast Recovery Diode
DSF8025SE24 DYNEX-DSF8025SE24 Datasheet
366Kb / 8P
   Fast Recovery Diode
More results

Similar Description - DSF8025SE24

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com