Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF8035SK Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DSF8035SK
Description  Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF8035SK Datasheet(HTML) 3 Page - Dynex Semiconductor

  DSF8035SK Datasheet HTML 1Page - Dynex Semiconductor DSF8035SK Datasheet HTML 2Page - Dynex Semiconductor DSF8035SK Datasheet HTML 3Page - Dynex Semiconductor DSF8035SK Datasheet HTML 4Page - Dynex Semiconductor DSF8035SK Datasheet HTML 5Page - Dynex Semiconductor DSF8035SK Datasheet HTML 6Page - Dynex Semiconductor DSF8035SK Datasheet HTML 7Page - Dynex Semiconductor DSF8035SK Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DSF8035SK
3/8
DEFINITION OF K FACTOR AND Q
RA1
0.5x I
RR
I
RR
dI
R/dt
t
1
t
2
τ
Q
RA1 = 0.5x IRR(t1 + t2)
k = t
1/t2
CURVES
Fig.1 Maximum (limit) forward characteristics
0
2.0
4.0
6.0
8.0
Instantaneous forward voltage V
F - (V)
200
400
600
800
1000
1200
1400
1600
0
T
j = 150˚C
Measured under
pulse conditions
Min. Limit
Max. Limit


Similar Part No. - DSF8035SK

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DSF8025SE DYNEX-DSF8025SE Datasheet
68Kb / 8P
   Fast Recovery Diode
DSF8025SE DYNEX-DSF8025SE Datasheet
91Kb / 8P
   Fast Recovery Diode
DSF8025SE DYNEX-DSF8025SE Datasheet
366Kb / 8P
   Fast Recovery Diode
DSF8025SE20 DYNEX-DSF8025SE20 Datasheet
68Kb / 8P
   Fast Recovery Diode
DSF8025SE20 DYNEX-DSF8025SE20 Datasheet
91Kb / 8P
   Fast Recovery Diode
More results

Similar Description - DSF8035SK

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com