Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG444 Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG444
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG444 Datasheet(HTML) 5 Page - Intersil Corporation

  DG444 Datasheet HTML 1Page - Intersil Corporation DG444 Datasheet HTML 2Page - Intersil Corporation DG444 Datasheet HTML 3Page - Intersil Corporation DG444 Datasheet HTML 4Page - Intersil Corporation DG444 Datasheet HTML 5Page - Intersil Corporation DG444 Datasheet HTML 6Page - Intersil Corporation DG444 Datasheet HTML 7Page - Intersil Corporation DG444 Datasheet HTML 8Page - Intersil Corporation DG444 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN3586.10
June 4, 2007
Test Circuits and Waveforms
VO is the steady state output with the switch on. Feedthrough via switch capacitance may result in spikes at the leading and trailing
edge of the output waveform.
FIGURE 1A. MEASUREMENT POINTS
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3. CROSSTALK TEST CIRCUIT
FIGURE 4. OFF ISOLATION TEST CIRCUIT
NOTE: Logic input waveform is inverted for switches that have
the opposite logic sense.
50%
tr < 20ns
tf < 20ns
tOFF
80%
3V
0V
VS
0V
tON
VO
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
80%
Repeat test for Channels 2, 3 and 4.
For load conditions, see Specifications. CL includes fixture and
stray capacitance.
V
O
V
S
R
L
R
L
r
DS ON
()
+
------------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
S1
IN1
3V
V+
D1
RL
CL
VO
GND
V-
VL
SWITCH
ΔVO
INX
OFF
ON
INX
OFF
OFF
OFF
ON
Q =
ΔVO x CL
(DG444)
(DG445)
OUTPUT
V+
D1
CL
VO
GND
V-
VIN = 3V
RG
VG
VL
0V, 2.4V
ANALYZER
+15V
V+
C
VS
10dBm
SIGNAL
GENERATOR
RL
GND
IN1
VD
IN2
50
Ω
0V, 2.4V
NC
V-
-15V
C
VD
ANALYZER
RL
+15V
10dBm
SIGNAL
GENERATOR
V+
C
V-
-15V
C
0V, 2.4V
VS
VD
INX
GND
DG444, DG445


Similar Part No. - DG444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG444 INTERSIL-DG444 Datasheet
103Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
DG444 INTERSIL-DG444 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
logo
Intersil Corporation
DG444 INTERSIL-DG444 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
More results

Similar Description - DG444

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com