Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2107SY40 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DS2107SY40
Description  Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2107SY40 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DS2107SY40 Datasheet HTML 1Page - Dynex Semiconductor DS2107SY40 Datasheet HTML 2Page - Dynex Semiconductor DS2107SY40 Datasheet HTML 3Page - Dynex Semiconductor DS2107SY40 Datasheet HTML 4Page - Dynex Semiconductor DS2107SY40 Datasheet HTML 5Page - Dynex Semiconductor DS2107SY40 Datasheet HTML 6Page - Dynex Semiconductor DS2107SY40 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
www.dynexsemi.com
DS2107SY
KEY PARAMETERS
V
RRM
4500V
I
F(AV)
3329A
I
FSM
52500A
DS2107SY
Rectifier Diode
Replaces JOctober 2001 version, DS4173-4.0
DS4173-4.1 December 2001
4500
4400
4300
4200
4100
4000
DS2107SY45
DS2107SY44
DS2107SY43
DS2107SY42
DS2107SY41
DS2107SY40
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
FEATURES
s Double Side Cooling
s High Surge Capability
APPLICATIONS
s Rectification
s Freewheel Diode
s DC Motor Control
s Power Supplies
s Welding
s Battery Chargers
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table, e.g.:
DS2107SY43
Note: Please use the complete part number when ordering
and quote this number in any future correspondance relating
to your order.
Outline type code: F
See Package Details for further information.
Fig. 1 Package outline


Similar Part No. - DS2107SY40

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2107A DALLAS-DS2107A Datasheet
94Kb / 7P
   SCSI Terminator
More results

Similar Description - DS2107SY40

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com