Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLZ15 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DFLZ15
Description  1 Watt Zener Diode 6.2V - 39V Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DFLZ15 Datasheet(HTML) 2 Page - Micro Commercial Components

  DFLZ15 Datasheet HTML 1Page - Micro Commercial Components DFLZ15 Datasheet HTML 2Page - Micro Commercial Components DFLZ15 Datasheet HTML 3Page - Micro Commercial Components DFLZ15 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DFLZ6V2 - DFLZ39
Typical Temperature
@IZTC(%/
oC)
Zener Voltage
VZ
Voltages
Reverse
Current
Coefficient
Marking
Part Number
IR(Max) @ VR
Maximum Zener
Impedance
Z ZT@IZT
Electrical Characteristics @ 25OC Unless Otherwise Specified
www.mccsemi.com
2 of 4
DFLZ6V2
6.20
5.80
6.40
100
1.0
3.0
5
2.0
-0.01
0.06
6V2
DFLZ6V8
6.80
6.40
7.20
100
1.0
3.0
5
3.0
0
0.07
6V8
DFLZ7V5
7.50
7.00
7.90
100
1.0
2.0
5
3.0
0
0.07
7V5
DFLZ8V2
8.20
7.70
8.70
100
1.0
2.0
5
3.0
0.03
0.08
8V2
DFLZ9V1
9.10
8.50
9.60
50
1.0
4.0
5
5.0
0.03
0.08
9V1
DFLZ10
10.00
9.40
10.60
50
1.0
4.0
5
7.5
0.05
0.09
Z10
DFLZ11
11.00
10.40 11.60
50
1.0
7.0
4
8.2
0.05
0.10
Z11
DFLZ12
12.00
11.40 12.70
50
1.0
7.0
3
9.1
0.05
0.10
Z12
DFLZ13
13.00
12.40 14.10
50
1.0
10.0
2
10.0
0.05
0.10
Z13
DFLZ15
15.00
13.80 15.60
50
1.0
10.0
1
11.0
0.05
0.10
Z15
DFLZ16
16.00
15.30 17.10
25
1.0
15.0
1
12.0
0.06
0.11
Z16
DFLZ18
18.00
16.80 19.10
25
2.0
15.0
1
13.0
0.06
0.11
Z18
DFLZ20
20.00
18.80 21.20
25
3.0
15.0
1
15.0
0.06
0.11
Z20
DFLZ22
22.00
20.80 23.30
25
3.0
15.0
1
16.0
0.06
0.11
Z22
DFLZ24
24.00
22.80 25.60
25
2.0
15.0
1
18.0
0.06
0.11
Z24
DFLZ27
27.00
25.10 28.90
25
3.0
15.0
1
20.0
0.06
0.11
Z27
DFLZ30
30.00
28.00 32.00
25
8.0
15.0
1
22.0
0.06
0.11
Z30
DFLZ33
33.00
31.00 35.00
25
5.0
15.0
1
24.0
0.06
0.11
Z33
Nom
Min
Max
IZT(mA)
Typ
Max
IR(uA)
VR(V)
Min
Max
DFLZ36
36.00 34.00 38.00
10
5.0
40.0
1
27.0
0.06
0.11
Z36
DFLZ39
39.00 37.00 41.00
10
5.0
40.0
1
30.0
0.06
0.11
Z39
Notes:
1. Short duration pulse test used to minimize self-heating effect.
(
Ω)
(
Ω)
MCC
TM
Micro Commercial Components
Revision:
C
20
13/01/01


Similar Part No. - DFLZ15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZ15 DIODES-DFLZ15 Datasheet
188Kb / 3P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
logo
Micro Commercial Compon...
DFLZ15 MCC-DFLZ15 Datasheet
326Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ15 MCC-DFLZ15 Datasheet
341Kb / 4P
   Halogen free available upon request by adding suffix -HF
DFLZ15 MCC-DFLZ15 Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ15 MCC-DFLZ15 Datasheet
366Kb / 4P
   1 Watt Zener Diode 5.1V - 100V Volts
More results

Similar Description - DFLZ15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DFLZ39-TP MCC-DFLZ39-TP Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ6V2 MCC-DFLZ6V2 Datasheet
326Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
SMAZ9V1-TP MCC-SMAZ9V1-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ10HE3 MCC-SMAZ10HE3 Datasheet
309Kb / 4P
   1 Watt Zener Diode 10V - 39V Volts
SMAZ8V2-TP MCC-SMAZ8V2-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ5V1 MCC-SMAZ5V1 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
List of Unclassifed Man...
SMAZ22-TP ETC2-SMAZ22-TP Datasheet
301Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Micro Commercial Compon...
SMAZ18-TP MCC-SMAZ18-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ16-TP MCC-SMAZ16-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com