Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS502ST Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DS502ST
Description  Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS502ST Datasheet(HTML) 3 Page - Dynex Semiconductor

  DS502ST Datasheet HTML 1Page - Dynex Semiconductor DS502ST Datasheet HTML 2Page - Dynex Semiconductor DS502ST Datasheet HTML 3Page - Dynex Semiconductor DS502ST Datasheet HTML 4Page - Dynex Semiconductor DS502ST Datasheet HTML 5Page - Dynex Semiconductor DS502ST Datasheet HTML 6Page - Dynex Semiconductor DS502ST Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
www.dynexsemi.com
DS502ST
SURGE RATINGS
Conditions
10ms half sine; T
case = 175
oC
V
R = 50% VRRM - 1/4 sine
10ms half sine; T
case = 175
oC
V
R = 0
Max.
Units
Symbol
Parameter
I
FSM
Surge (non-repetitive) forward current
I
2tI2t for fusing
I
FSM
Surge (non-repetitive) forward current
I
2t
I
2t for fusing
A
2s
8.0
kA
211 x 103
A2s
6.5
kA
THERMAL AND MECHANICAL DATA
dc
Conditions
Min.
Max.
Units
oC/W
-
0.14
Anode dc
Clamping force 4.5kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.02
Double side
-
175
oC
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Reverse (blocking)
Single side
-
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
Clamping force
3.5
5.0
kN
–55
200
oC
-
Forward (conducting)
-
185
oC
-
0.04
oC/W
oC/W
Cathode dc
-
0.14
oC/W
Double side cooled
-
0.07
oC/W
CHARACTERISTICS
Peak reverse current
Parameter
Symbol
I
RM
At V
RRM, Tcase = 175
oC-
30
mA
Conditions
Min.
Max.
Units
320 x 10
3
At T
vj = 175˚C
-
V
TO
Threshold voltage
r
T
Slope resistance
0.667
m
At T
vj = 175˚C
-
0.84
V


Similar Part No. - DS502ST

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DS5022P COILCRAFT-DS5022P Datasheet
263Kb / 2P
   SMT Power Inductors
DS5022P-102ML COILCRAFT-DS5022P-102ML Datasheet
263Kb / 2P
   SMT Power Inductors
DS5022P-102ML COILCRAFT-DS5022P-102ML Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-102ML COILCRAFT-DS5022P-102ML Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DS5022P-102ML COILCRAFT-DS5022P-102ML Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
More results

Similar Description - DS502ST

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com