Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2906SZ Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DS2906SZ
Description  Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2906SZ Datasheet(HTML) 7 Page - Dynex Semiconductor

  DS2906SZ Datasheet HTML 1Page - Dynex Semiconductor DS2906SZ Datasheet HTML 2Page - Dynex Semiconductor DS2906SZ Datasheet HTML 3Page - Dynex Semiconductor DS2906SZ Datasheet HTML 4Page - Dynex Semiconductor DS2906SZ Datasheet HTML 5Page - Dynex Semiconductor DS2906SZ Datasheet HTML 6Page - Dynex Semiconductor DS2906SZ Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
www.dynexsemi.com
DS2906SZ
POWER ASSEMBLY CAPABILITY
The Power Assembly group was set up to provide a support service for those customers requiring more than the basic semiconductor,
and has developed a flexible range of heatsink / clamping systems in line with advances in device types and the voltage and current
capability of our semiconductors.
We offer an extensive range of air and liquid cooled assemblies covering the full range of circuit designs in general use today. The
Assembly group continues to offer high quality engineering support dedicated to designing new units to satisfy the growing needs of
our customers.
Using the up to date CAD methods our team of design and applications engineers aim to provide the Power Assembly Complete
solution (PACs).
DEVICE CLAMPS
Disc devices require the correct clamping force to ensure their safe operation. The PACs range offers a varied selection of pre-loaded
clamps to suit all of our manufactured devices. This include cube clamps for single side cooling of ‘T’ 22mm
Clamps are available for single or double side cooling, with high insulation versions for high voltage assemblies.
Please refer to our application note on device clamping, AN4839
HEATSINKS
Power Assembly has its own proprietary range of extruded aluminium heatsinks.
They have been designed to optimise the
performance or our semiconductors. Data with respect to air natural, forced air and liquid cooling (with flow rates) is available on
request.
For further information on device clamps, heatsinks and assemblies, please contact your nearest Sales Representative or Customer
Services.
CUSTOMER SERVICE CENTRES
Mainland Europe Tel: +33 (0)1 58 04 91 00. Fax: +33 (0)1 46 38 51 33
North America Tel: (613) 723-7035. Fax: (613) 723-1518.
UK, Scandinavia & Rest Of World Tel: +44 (0)1522 500500. Fax: +44 (0)1522 500020
SALES OFFICES
Mainland Europe Tel: +33 (0)1 58 04 91 00. Fax: +33 (0)1 46 38 51 33
North America Tel: (613) 723-7035. Fax: (613) 723-1518. Toll Free: 1.888.33.DYNEX (39639) /
Tel: (949) 733-3005. Fax: (949) 733-2986.
UK, Scandinavia & Rest Of World Tel: +44 (0)1522 500500. Fax: +44 (0)1522 500020
These offices are supported by Representatives and Distributors in many countries world-wide.
© Dynex Semiconductor 2001 Publication No. DS4186-5 Issue No. 5.0 October 2001
TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRINTED IN UNITED KINGDOM
HEADQUARTERS OPERATIONS
DYNEX SEMICONDUCTOR LTD
Doddington Road, Lincoln.
Lincolnshire. LN6 3LF. United Kingdom.
Tel: 00-44-(0)1522-500500
Fax: 00-44-(0)1522-500550
DYNEX POWER INC.
99 Bank Street, Suite 410,
Ottawa, Ontario, Canada, K1P 6B9
Tel: 613.723.7035
Fax: 613.723.1518
Toll Free: 1.888.33.DYNEX (39639)
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as
a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company reserves
the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such
methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication
or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
http://www.dynexsemi.com
e-mail: power_solutions@dynexsemi.com
Datasheet Annotations:
Dynex Semiconductor annotate datasheets in the top right hard corner of the front page, to indicate product status. The annotations are as follows:-
Target Information: This is the most tentative form of information and represents a very preliminary specification. No actual design work on the product has been started.
Preliminary Information: The product is in design and development. The datasheet represents the product as it is understood but details may change.
Advance Information: The product design is complete and final characterisation for volume production is well in hand.
No Annotation: The product parameters are fixed and the product is available to datasheet specification.


Similar Part No. - DS2906SZ

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DS2906SA DYNEX-DS2906SA Datasheet
262Kb / 8P
   Rectifier Diode
DS2906SA35 DYNEX-DS2906SA35 Datasheet
262Kb / 8P
   Rectifier Diode
DS2906SA36 DYNEX-DS2906SA36 Datasheet
262Kb / 8P
   Rectifier Diode
DS2906SA37 DYNEX-DS2906SA37 Datasheet
262Kb / 8P
   Rectifier Diode
DS2906SA38 DYNEX-DS2906SA38 Datasheet
262Kb / 8P
   Rectifier Diode
More results

Similar Description - DS2906SZ

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com