Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2015L Datasheet(PDF) 3 Page - Littelfuse

Part # D2015L
Description  Teccor manufactures 15 A rms to 25 A rms rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D2015L Datasheet(HTML) 3 Page - Littelfuse

  D2015L Datasheet HTML 1Page - Littelfuse D2015L Datasheet HTML 2Page - Littelfuse D2015L Datasheet HTML 3Page - Littelfuse D2015L Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2004 Littelfuse, Inc.
E7 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Data Sheets
Rectifiers
Figure E7.1 Instantaneous Forward Current versus Forward Voltage
(Typical)
Figure E7.2 Forward Power Dissipation (Typical)
Figure E7.3 Maximum Allowable Case Temperature versus
Average Forward Current
Figure E7.4 Peak Surge Forward Current versus Surge Current
Duration
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
140
Instantaneous Forward Voltage (v
F) – Volts
15 A Devices
T
C = 25˚C
20 A Devices
25 A Devices
16
12
0
2
4
6
8
101214
0
4
8
12
16
20
SINGLE PULSE RECTIFICATION
60 Hz SINE WAVE
20 A Devices
15 A Devices
25 A Devices
Average Forward Current [IF(AV)] – Amps
02468
10
12
14
0
70
75
80
85
90
95
100
105
110
115
120
125
20 A Devices
15 A Devices
Average Forward Current [I
F (AV)] – Amps
SUPPLY FREQUENCY: 60 Hz Sine Wave
LOAD: Resistive or Inductive
CASE TEMPERATURE:
Measured As Shown on Dimensional Drawing
16
25 A Devices
10
20
30
40
60
80
100
200
300
400
600
800
1000
1
2
4
6
10
20
40
60
100
200
400
600
1000
Surge Current Duration – Cycles
SUPPLY FREQUENCY: 60 Hz Sinewave
LOAD: Resistive or Inductive
RMS ON-STATE CURRENT: [IF(RMS)]
Maximium Rated Value at Specified
Case Temperature
15 A Devices
20 A Devices
25 A Devices


Similar Part No. - D2015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D2015L LITTELFUSE-D2015L Datasheet
103Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
More results

Similar Description - D2015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D2025 LITTELFUSE-D2025 Datasheet
103Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
Revision: 19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
01-Jan-2022
logo
ON Semiconductor
2N5064G ONSEMI-2N5064G Datasheet
124Kb / 8P
   SILICON CONTROLLED RECTIFIERS 0.8 A RMS, 30 ??200 V
September, 2011 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N1909 NJSEMI-2N1909 Datasheet
131Kb / 1P
   High Power Silicon Controlled Rectifier 110 A RMS 25 to 1200 Volts
logo
Littelfuse
D8015L56 LITTELFUSE-D8015L56 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
logo
Fluke Corporation
353 FLUKE-353 Datasheet
485Kb / 3P
   True-rms 2000 A Clamp Meters
logo
Nihon Inter Electronics...
PHA15DW2RP NIEC-PHA15DW2RP Datasheet
313Kb / 3P
   SSR - 240V 15/25A (RMS)
logo
Digitron Semiconductors
2N4212 DIGITRON-2N4212 Datasheet
124Kb / 2P
   SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
logo
International Rectifier
2N687 IRF-2N687 Datasheet
208Kb / 7P
   25 and 35 Amp RMS SCRs?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com