Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMG251E101MLN3S Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # EKMG251E101MLN3S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

EKMG251E101MLN3S Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  EKMG251E101MLN3S Datasheet HTML 1Page - Nippon Precision Circuits Inc EKMG251E101MLN3S Datasheet HTML 2Page - Nippon Precision Circuits Inc EKMG251E101MLN3S Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Standard, Downsized, 105
KMG
Series
・Endurance with ripple current : 1,000 to 2,000 hours at 105℃
・Solvent resistant type except 350 to 450Vdc
(see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃)
(at 20
℃, 120Hz)
(at 120Hz)
(at 20
℃ after 1 minute)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-55 to +105
℃(6.3 to 100Vdc) -40 to +105℃(160 to 400Vdc) -25 to +105℃(450Vdc)
6.3 to 450Vdc
±20% (M)
6.3 to 100Vdc
160 to 450Vdc
I=0.03CV or 4
µA, whichever is greater.
After 5minutes
After 1minute
CV
≦1,000 I=0.1CV+40 max.
I=0.03CV+15 max.
CV
>1,000 I=0.04CV+100 max.
I=0.02CV+25 max.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ(Max.)
When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase.
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 1,000 hours (2,000 hours to meet the following two conditions
1): 160Vdc and larger, 2) :
φ12.5 and larger) at 105℃.
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Rated voltage
6.3 to 100Vcd
160 to 450Vdc
Capacitance change
≦±20% of the initial value
≦±20% of the initial value
≦200% of the initial specified value
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
≦500% of the initial specified value
Characteristics
6.3V
0.34
10V
0.24
16V
0.20
25V
0.16
35V
0.14
50V
0.12
63V
0.10
100V
0.08
450V
0.24
160 to 250V
0.20
350 to 400V
0.24
6.3V
5
12
10V
4
10
16V
3
8
25V
2
5
35V
2
4
50V
2
3
63V
2
3
100V
2
3
450V
6
-
160 to 250V
3
4
350 to 400V
6
6
Time
CV
◆DIMENSIONS [mm]
L'
15min.
4min.
Vent
(exceptφ5)
Sleeve (PET : Brown)
5
0.5
2.0
φD
φd
F
φD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
φD+0.5max
L+1.5max
(
φ5 toφ10)
(
φ12.5 to φ18)
Gas escape end seal
Terminal Code : E
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 1.0
µF:1R0,10µF:100,100µF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,35V:350,100V:101)
Series code
Category
E K M G A A A E A A A A A
A A A N
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (radial lead type)"
KMG
Downsized
KMQ P122
129
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMG251E101MLN3S

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
EKMG251E101MLN3S NICHICON-EKMG251E101MLN3S Datasheet
419Kb / 3P
   Endurance with ripple current 1,000 to 2,000 hours at 105
More results

Similar Description - EKMG251E101MLN3S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com