Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNB6536 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DNB6536
Description  Recifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DNB6536 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DNB6536 Datasheet HTML 1Page - Dynex Semiconductor DNB6536 Datasheet HTML 2Page - Dynex Semiconductor DNB6536 Datasheet HTML 3Page - Dynex Semiconductor DNB6536 Datasheet HTML 4Page - Dynex Semiconductor DNB6536 Datasheet HTML 5Page - Dynex Semiconductor DNB6536 Datasheet HTML 6Page - Dynex Semiconductor DNB6536 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
www.dynexsemi.com
DNB65
CHARACTERISTICS
Forward voltage
Peak reverse current
Parameter
µC
-
Q
S
Total stored charge
Symbol
V
FM
I
RRM
I
RM
Peak recovery current
-
500
A
6000
At V
RRM, Tcase = 150
oC
-
150
mA
-
1.45
V
At 3000A peak, T
case = 25
oC
Conditions
Typ.
Max.
Units
At T
vj = 150˚C
-
V
TO
Threshold voltage
r
T
Slope resistance
0.19
m
At T
vj = 150˚C
-
0.84
V
t
rr
Reverse recovery time
25
-
µs
I
F = 1500A, dIRR/dt = 25A/µs
T
case = 25˚C, VR = 100V
CURVES
Fig.2 Maximum (limit) forward characteristics
Fig.3 Dissipation curves
V
FM
Equation:-
V
FM
= A + Bln (I
F
) + C.I
F
+D.
√I
F
Where
A = –0.36984
B = 0.292197
C = 0.000354
D = –0.03111
these values are valid for T
j
= 125˚C for I
F
500A to 10000A
01.0
2.0
3.0
Instantaneous forward voltage, VF - (V)
0
2000
4000
6000
8000
10000
Measured under pulse conditions
Tj = 150˚C
Tj = 25˚C
0
2000
4000
6000
Mean forward current, IF(AV) - (A)
0
2000
4000
6000
8000
10000
dc
Half wave
3 phase
6 phase


Similar Part No. - DNB6536

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DNB61 DYNEX-DNB61 Datasheet
90Kb / 7P
   Rectifier Diode
DNB6116 DYNEX-DNB6116 Datasheet
90Kb / 7P
   Rectifier Diode
DNB6118 DYNEX-DNB6118 Datasheet
90Kb / 7P
   Rectifier Diode
DNB6120 DYNEX-DNB6120 Datasheet
90Kb / 7P
   Rectifier Diode
DNB6122 DYNEX-DNB6122 Datasheet
90Kb / 7P
   Rectifier Diode
More results

Similar Description - DNB6536

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TRB65 TRSYS-TRB65 Datasheet
303Kb / 6P
   RECIFIER DIODE
logo
International Rectifier
MBR6045WT IRF-MBR6045WT Datasheet
56Kb / 2P
   SCHOTTKY RECIFIER
logo
Nanjing International G...
MBR3020CT DGNJDZ-MBR3020CT Datasheet
117Kb / 2P
   SCHOTTKY BARRIER RECIFIER
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
logo
Microsemi Corporation
SBR12040R MICROSEMI-SBR12040R Datasheet
135Kb / 2P
   120 Amp Schotky Recifier
logo
Jinan Jingheng (Group) ...
GF10A JINANJINGHENG-GF10A Datasheet
85Kb / 2P
   Surface Mount Glass Passivated Recifier
S1A JINANJINGHENG-S1A Datasheet
64Kb / 2P
   Surface Mount Glass Passivated Recifier
logo
RFE international
MUR1060FCT RFE-MUR1060FCT Datasheet
2Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR1060FCT
08-22-2020
MUR30120P RFE-MUR30120P Datasheet
2Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR30120P
02-11-2020
logo
Solid States Devices, I...
SHA2604R SSDI-SHA2604R Datasheet
199Kb / 2P
   ULTRA FAST RECOVERY COMMON ANODE CENTERTAP RECIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com