Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ18CA Datasheet(PDF) 1 Page - Littelfuse

Part # SMBJ18CA
Description  Silicon Avalanche Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMBJ18CA Datasheet(HTML) 1 Page - Littelfuse

  SMBJ18CA Datasheet HTML 1Page - Littelfuse SMBJ18CA Datasheet HTML 2Page - Littelfuse SMBJ18CA Datasheet HTML 3Page - Littelfuse SMBJ18CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
262
www .littelfuse .com
FEATURES
RoHS compliant
Voltage ratings from 5 to 440 volts
For surface mounted applications in order to optimize
board space
Low profile package
Built-in strain relief
Glass passivated junction
Low lead inductance
Excellent clamping capability
Repetition Rate (duty cycle): 0.01%
Fast response time: typically less than 1.0ps from 0 Volts to
BV for unidirectional types
Typical IR less than 1 µA above 10V
High Temperature soldering: 250˚C/10 seconds at terminals
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agency File Number: E128662
SMBJ Series
600W Surface Mount Transient Voltage Supressors
®
MAXIMUM RATINGS AND CHARACTERISTICS
@25˚C AMBIENT TEMPERATURE (unless otherwise noted)
PARAMETER
Peak pulse power Dissipation on
10/1000µs waveform
(note 1,2, FIG.1)
Peak pulse current of on 10\1000µs
waveform (note 1, FIG.3)
Peak forward Surge Current, 8.3ms
Single Half SIne Wave Superimposed
on Rated Load, (JEDEC Method)
(note 2.3)
Operating junction and Storage
Temperature Range
VALUE
Min
600
SEE TABLE 1
100
-55 to +150
UNIT
Watts
Amps
Amps
°C
Note 1. Non-repetitive current pulse, per Fig.3 and derated above
TA= 25˚C per Fig.2
Note 2. Mounted on 5.0mm2(0.03mm thick) Copper Pads to each
terminal
Note 3. 8.3 ms single half sine-wave, or equivalent square wave,
Duty cycle= 4 pulses per minute
SYMBOL
PPPM
IPPM
IPSM
Tj, TsTG
SMBJ
Voltage
C A
Bi-Directional
5% Voltage Tolerance
Tape and reeled (3000 pcs)
ORDERING INFORMATION
RoHS
Mechanical Specifications:
Weight:
0.003ounce, 0.093 gram
Case:
JEDEC DO-214AA Molded Plastic over
glass passivated junction
Mounting Position:
Any
Polarity:
Color band denotes cathode except
Bidirectional
Terminal:
Solder Plated solderable per
MIL-STD-750, Method 2026
Standard Packaging:
12mm tape (EIA STF RS-481)


Similar Part No. - SMBJ18CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ18CA SOCAY-SMBJ18CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bytes
SMBJ18CA BYTES-SMBJ18CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMBJ18CA UNSEMI-SMBJ18CA Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Suntan Capacitors
SMBJ18CA SUNTAN-SMBJ18CA Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMBJ18CA MDE-SMBJ18CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ18CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
   Silicon Avalanche Diodes - Silicon Avalanche Diodes
1KSMBJ47CA LITTELFUSE-1KSMBJ47CA Datasheet
217Kb / 4P
   Silicon Avalanche Diodes
logo
New Jersey Semi-Conduct...
1N56 NJSEMI-1N56 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
1.5KE150 LITTELFUSE-1.5KE150 Datasheet
126Kb / 4P
   Silicon Avalanche Diodes
logo
MDE Semiconductor, Inc.
SMD15KPA17A MDE-SMD15KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
SMD30KPA17A MDE-SMD30KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2G LUGUANG-R2G Datasheet
134Kb / 2P
   Avalanche Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com