Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6203EM5-L Datasheet(PDF) 10 Page - Exar Corporation

Part # SP6203EM5-L
Description  300mA/500mA Low Noise CMOS LDO Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6203EM5-L Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP6203EM5-L Datasheet HTML 6Page - Exar Corporation SP6203EM5-L Datasheet HTML 7Page - Exar Corporation SP6203EM5-L Datasheet HTML 8Page - Exar Corporation SP6203EM5-L Datasheet HTML 9Page - Exar Corporation SP6203EM5-L Datasheet HTML 10Page - Exar Corporation SP6203EM5-L Datasheet HTML 11Page - Exar Corporation SP6203EM5-L Datasheet HTML 12Page - Exar Corporation SP6203EM5-L Datasheet HTML 13Page - Exar Corporation SP6203EM5-L Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
S
SP
P6
62
20
03
3 /
/ S
SP
P6
62
20
05
5
3
30
00
0m
mA
A/
/5
50
00
0m
mA
A L
Lo
ow
w N
No
oiis
se
e C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
10/14
Rev. 2.0.0
time (TWU) and the settling time (TS). The
wake up time is defined as the time it takes
for the output to rise to 2% of its total value
after being released from shutdown (EN >
0.4V). The settling time is defined as the
condition where the output reaches 98% of its
total
value
after
being
released
from
shutdown. The latter is also called the turn on
time and is dependent on the output capacitor,
a little bit on load and, if present, on a bypass
capacitor.
TURN OFF TIME
The turn off time is defined as the condition
where the output voltage drops about 66% (θ)
of its total value. 5θ to 7θ is the constant
where the output voltage drops nearly to zero.
There will always be a small voltage drop in
shutdown because of the switch unless we
short-circuit it. The turn off time of the output
voltage is dependent on load conditions,
output capacitance on VOUT (time constant =
RLCL) and also on the difference in voltage
between input and output.
THERMAL CONSIDERATIONS
The SP6203/6205 is designed to provide
300/500mA of continuous current in a tiny
package. Maximum power dissipation can be
calculated based on the output current and the
voltage drop across the part. To determine the
maximum power dissipation of the package,
use
the
junction-to-ambient
thermal
resistance of the device and the following
basic equation:
PD = (TJ(max) - TA) / θJA
TJ(max) is the maximum junction temperature of
the die and is 125°C. TA is the ambient
temperature. θJA is the junction-to-ambient
thermal resistance for the regulator and is
layout dependent. The SOT-23-5 package has
a θJA of approximately 191°C/W for minimum
PCB copper footprint area.
This results in a maximum power dissipation
of:
PD(max)=[(125°C-25°C)/(191°C/W)] = 523mW
The actual power dissipation of the regulator
circuit can be determined using one simple
equation:
PD = (VIN - VOUT) * IOUT + VIN * IGND
To prevent the device from entering thermal
shutdown, maximum power dissipation cannot
be exceeded.
Substituting PD(max) for PD and solving for the
operating conditions that are critical to the
application will give the maximum operating
conditions for the
regulator circuit. For
example, if we are operating the SP6203 3.0V
at
room temperature, with
a minimum
footprint layout and output current of 300mA,
the
maximum
input
voltage
can
be
determined, based on the equation below.
Ground pin current can be taken from the
electrical specifications table (0.23mA at
300mA).
390mW = (VIN-3.0V) * 300mA + VIN *0.23mA
After calculations, we find that the maximum
input voltage of a 3.0V application at 300mA
of output current in a SOT-23-5 package is
4.7V.
So if the intent is to operate a 5V output
version from a 6V supply at 300mA load and
at a 25°C ambient temperature, then the
actual total power dissipation will be:
PD=([6V-5V]*[300mA])+(6V*0.23mA)=301.4mW
This is well below the 523mW package maxi-
mum. Therefore, the regulator can be used.
Note that the regulator cannot always be used
at its maximum current rating. For example, in
a 5V input to 3.0V output application at an
ambient temperature of 25°C and operating at
the full 500mA (IGND=0.355mA) load, the
regulator is limited to a much lower load
current, determined by the following equation:
523mW = ( [5V-3V]*[ Iload(max)]) +(5V*0.350mA)


Similar Part No. - SP6203EM5-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6203EM5-1-8 SIPEX-SP6203EM5-1-8 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203EM5-1-8/TR SIPEX-SP6203EM5-1-8/TR Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203EM5-2-5 SIPEX-SP6203EM5-2-5 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203EM5-2-5/TR SIPEX-SP6203EM5-2-5/TR Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203EM5-2-7 SIPEX-SP6203EM5-2-7 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
More results

Similar Description - SP6203EM5-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6205EM5-L-3-3-TR EXAR-SP6205EM5-L-3-3-TR Datasheet
1Mb / 15P
   300mA/500mA Low Noise CMOS LDO Regulators
logo
Sipex Corporation
SP6203 SIPEX-SP6203_07 Datasheet
751Kb / 16P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
SP6203 SIPEX-SP6203 Datasheet
164Kb / 14P
   Low Noise, 300mA and 500mA CMOS LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com