Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-409-4 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # DS-409-4
Description  Four -Way Power Divider
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS-409-4 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  DS-409-4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. DS-409-4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Four -Way Power Divider,
10 - 2000 MHz
Rev. V2
DS-409-4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Broad Frequency Range
• Low Loss—Typically 1.0 dB
C-17
Guaranteed Specifications: From –55
oC to +85oC
Frequency Range
10-2000 MHz
Insertion Loss (less coupling)
10-30 MHz
30-100 MHz
100-1000 MHz
1000-2000 MHz
0.8 dB Max
0.6 dB Max
1.25 dB Max
1.5 dB Max
Isolation
10-30 MHz
30-100 MHz
100-1000 MHz
1000-2000 MHz
15 dB Min
20 dB Min
25 dB Min
20 dB Min
Amplitude Balance
10-30 MHz
30-100 MHz
100-1000 MHz
1000-2000 MHz
0.25 dB Max
0.25 dB Max
0.5 dB Max
1.0 dB Max
Phase Balance
10-30 MHz
30-100 MHz
100-1000 MHz
1000-2000 MHz
2.5
o Max
2.5
o Max
5.0
o Max
10.0
o Max
VSWR (All Ports)
10-30 MHz
30-100 MHz
100-1000 MHz
1000-2000 MHz
2.0:1 Max
1.5:1 Max
1.5:1 Max
1.75:1 Max
A
B
C
D
E
F
G
H
I
J
K
DS-409-4
1.625
(40.34)
0.593
(15.06)
0.688
(17.47)
1.376
(34.95)
2.064
(52.42)
3.250
(82.6)
0.770±
0.020
(19.6±0.5)
0.375±
0.020
(9.5±0.5)
2.750
(69.9)
1.000
(25.4)
1.5000
(38.1)


Similar Part No. - DS-409-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-409-4 MACOM-DS-409-4 Datasheet
141Kb / 2P
   Four-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
   Four -Way Power Divider, 10 - 2000 MHz
logo
Tyco Electronics
DS-409-4BNC MACOM-DS-409-4BNC Datasheet
141Kb / 2P
   Four-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-409-4BNC MA-COM-DS-409-4BNC Datasheet
77Kb / 2P
   Four -Way Power Divider, 10 - 2000 MHz
logo
Tyco Electronics
DS-409-4N MACOM-DS-409-4N Datasheet
141Kb / 2P
   Four-Way Power Divider 10 - 2000 MHz
More results

Similar Description - DS-409-4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-112-DS-312 MA-COM-DS-112-DS-312 Datasheet
94Kb / 3P
   Four-Way Power Divider
DS-310 MA-COM-DS-310 Datasheet
64Kb / 2P
   Flatpack Four-Way Power Divider
DS-324 MA-COM-DS-324 Datasheet
155Kb / 2P
   Flatpack Four-Way Power Divider
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
   Broadband Four -Way Power Divider
logo
Teledyne Technologies I...
PD4F3000 TELEDYNE-PD4F3000 Datasheet
158Kb / 2P
   FOUR-WAY IN- PHASE POWER DIVIDER
logo
Tyco Electronics
DS-409-4 MACOM-DS-409-4 Datasheet
141Kb / 2P
   Four-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-312 MA-COM-DS-312 Datasheet
94Kb / 3P
   Four-Way Power Divider, 10 - 500 MHz
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
   Four -Way Power Divider, 10 - 2000 MHz
DS-324 MA-COM-DS-324 Datasheet
63Kb / 2P
   Flatpack Four-Way Power Divider, 25 - 1000 MHz
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com