Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F30DRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F30DRG4
Description  8-INPUT POSITIVE-NAND GATES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F30DRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74F30DRG4 Datasheet HTML 1Page - Texas Instruments SN74F30DRG4 Datasheet HTML 2Page - Texas Instruments SN74F30DRG4 Datasheet HTML 3Page - Texas Instruments SN74F30DRG4 Datasheet HTML 4Page - Texas Instruments SN74F30DRG4 Datasheet HTML 5Page - Texas Instruments SN74F30DRG4 Datasheet HTML 6Page - Texas Instruments SN74F30DRG4 Datasheet HTML 7Page - Texas Instruments SN74F30DRG4 Datasheet HTML 8Page - Texas Instruments SN74F30DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54F30, SN74F30
8-INPUT POSITIVE-NAND GATES
SDFS043A – MARCH 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
′F30
SN54F30
SN74F30
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A thru H
Y
1
3.1
5
1
6
1
5.5
ns
tPHL
A thru H
Y
1
2.6
4.5
1
6
1
5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.


Similar Part No. - SN74F30DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F30D TI-SN74F30D Datasheet
68Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74F30DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F30 TI-SN54F30 Datasheet
68Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54AC11030 TI1-54AC11030_09 Datasheet
81Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_07 Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN5430 TI-SN5430 Datasheet
621Kb / 15P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI1-54ACT11030_12 Datasheet
393Kb / 7P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI-54ACT11030 Datasheet
63Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_08 Datasheet
695Kb / 18P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_18 Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com