Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAZ9V1 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMAZ9V1
Description  1 Watt Zener Diode 5.1V - 39V Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAZ9V1 Datasheet(HTML) 2 Page - Micro Commercial Components

  SMAZ9V1 Datasheet HTML 1Page - Micro Commercial Components SMAZ9V1 Datasheet HTML 2Page - Micro Commercial Components SMAZ9V1 Datasheet HTML 3Page - Micro Commercial Components SMAZ9V1 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCC
SMAZ5V1 - SMAZ39
TM
Micro Commercial Components
IZM Max
(Note 1)
Nom
Min
Max
IZT(mA)
Max
IZK(mA)
Max
uA
V
mA
SMAZ5V1
5.10
4.84
5.40
100
5.0
1.0
500
2.5
1.0
196
Z5V1
SMAZ5V6
5.60
5.32
5.88
100
2.0
2.0
250
5.0
2.0
179
Z5V6
SMAZ6V2
6.20
5.89
6.51
100
2.0
2.0
200
5.0
3.0
161
Z6V2
SMAZ6V8
6.80
6.46
7.14
100
2.0
1.0
200
5.0
4.0
147
Z6V8
SMAZ7V5
7.50
7.13
7.88
100
2.0
1.0
450
5.0
5.0
133
Z7V5
SMAZ8V2
8.20
7.79
8.61
100
2.0
1.0
200
5.0
6.0
122
Z8V2
SMAZ9V1
9.10
8.65
9.56
50
4.0
1.0
200
5.0
7.0
110
Z9V1
SMAZ10
10.00
9.50
10.50
50
4.0
1.0
200
1.0
7.6
100
Z10
SMAZ12
12.00
11.40 12.60
50
7.0
1.0
150
1.0
9.1
83
Z12
SMAZ15
15.00
14.25 15.75
50
10.0
1.0
150
1.0
11.4
67
Z15
SMAZ16
16.00
15.20 16.80
25
15.0
1.0
150
0.5
12.2
63
Z16
SMAZ18
18.00
17.10 18.90
25
15.0
1.0
150
0.5
13.7
56
Z18
SMAZ20
20.00
19.00 21.00
25
15.0
1.0
180
0.5
15.2
50
Z20
SMAZ22
22.00
20.90 23.10
25
15.0
1.0
180
0.5
16.7
45
Z22
SMAZ24
24.00
22.80 25.20
25
15.0
1.0
180
0.5
18.2
42
Z24
SMAZ27
27.00
25.65 28.35
25
15.0
1.0
200
0.5
20.5
37
Z27
SMAZ30
30.00
28.50 31.50
25
15.0
1.0
250
0.5
22.8
33
Z30
SMAZ33
33.00
31.35 34.65
25
15.0
1.0
300
0.5
25.1
30
Z33
SMAZ36
36.00
34.20 37.80
10
40.0
1.0
350
0.5
27.4
28
Z36
SMAZ39
39.00
37.05 40.95
10
40.0
1.0
450
0.5
29.6
26
Z39
ZZT(OHMS)
Zener Voltage
VZ
Voltages
Reverse
Current
Marking
Part Number
IR(Max) @ VR
Maximum Zener
Impedance
ZZK(OHMS)
Maximum Zener
Impedance
Electrical Characteristics @ 25OC Unless Otherwise Specified
Notes1.Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch
www.mccsemi.com
2 of 4
Revision: C
2013/04/26


Similar Part No. - SMAZ9V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAZ9V1 DIODES-SMAZ9V1 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ9V1 DIODES-SMAZ9V1 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ9V1 DIODES-SMAZ9V1 Datasheet
369Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ9V1 VISHAY-SMAZ9V1 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ9V1 DIODES-SMAZ9V1 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

Similar Description - SMAZ9V1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAZ9V1-TP MCC-SMAZ9V1-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ8V2-TP MCC-SMAZ8V2-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ5V1 MCC-SMAZ5V1 Datasheet
227Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
List of Unclassifed Man...
SMAZ22-TP ETC2-SMAZ22-TP Datasheet
301Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
logo
Micro Commercial Compon...
SMAZ18-TP MCC-SMAZ18-TP Datasheet
313Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
DFLZ39-TP MCC-DFLZ39-TP Datasheet
341Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
SMAZ10HE3 MCC-SMAZ10HE3 Datasheet
309Kb / 4P
   1 Watt Zener Diode 10V - 39V Volts
DFLZ6V2 MCC-DFLZ6V2 Datasheet
326Kb / 4P
   1 Watt Zener Diode 6.2V - 39V Volts
DFLZ5V1 MCC-DFLZ5V1 Datasheet
366Kb / 4P
   1 Watt Zener Diode 5.1V - 100V Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com